Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7346 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 78Page - PMC-Sierra, Inc PM7346 Datasheet HTML 79Page - PMC-Sierra, Inc PM7346 Datasheet HTML 80Page - PMC-Sierra, Inc PM7346 Datasheet HTML 81Page - PMC-Sierra, Inc PM7346 Datasheet HTML 82Page - PMC-Sierra, Inc PM7346 Datasheet HTML 83Page - PMC-Sierra, Inc PM7346 Datasheet HTML 84Page - PMC-Sierra, Inc PM7346 Datasheet HTML 85Page - PMC-Sierra, Inc PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 61
Bit #
1-8
...
761-768
769-776
777-784
785
786
787
788
789
Frm. 1
TS1[1:8]
...
TS96[1:8]
TS97[1:8]
TS98[1:8]
1
1
0
0
m
Frm. 2
TS1[1:8]
...
TS96[1:8]
TS97[1:8]
TS98[1:8]
1
0
1
0
0
Frm. 3
TS1[1:8]
...
TS96[1:8]
TS97[1:8]
TS98[1:8]
x1
x2
x3
a
m
Frm. 4
TS1[1:8]
...
TS96[1:8]
TS97[1:8]
TS98[1:8]
e1
e2
e3
e4
e5
TS1 .. TS96 :
Byte interleaved payload
TS97, TS98:
Reserved channels for signaling
Frame Alignment Signal:
represented as binary ones and zeroes
m :
4-kHz datalink
x1, x2, x3:
Spare bits, usually logic 1
a :
Remote Loss of Frame alarm bit, active high
e1..e5:
CRC-5 check sequence. The entire 3156-bit multiframe,
including
the CRC-5 check sequence, should have a remainder of 0
when
divided by x5 + x4 + x2 + 1
The J2-FRMR frames to a J2 signal with an average reframe time of 5.07 ms. An
alternate framing algorithm that uses the CRC-5 check to detect static mimic
patterns is available. Once in frame, the J2-FRMR provides indications of frame
and multiframe boundaries, and marks overhead bits, x-bits, m-bits, and reserved
channels (TS97 and TS98). Indications of loss of signal, bipolar violations,
excessive zeroes, change of frame alignment, framing errors, and CRC errors
are provided, and may be accumulated by the PMON (with the exception of
change of frame alignment); maskable interrupts are available to alert the
microprocessor to the occurrence of any of these events. In addition to marking
x-bit values, J2-FRMR provides microprocessor access to the x-bits, and will
optionally generate an interrupt when any of the x-bits changes state. The m-bits
and the associated clock are can either be extracted through the RDLC or
through the ROH[x] and ROHCLK[x] output pins of the S/UNI-QJET. The m-bits
are also presented to the RBOC for detection of any generic bit-oriented codes.
Status signals such as Physical AIS, Payload AIS, Remote Alarm Indication in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com