Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7346 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc PM7346 Datasheet HTML 66Page - PMC-Sierra, Inc PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc PM7346 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 46
Pin Name
Type
Pin No.
Function
RDAT[15]
RDAT[14]
RDAT[13]
RDAT[12]
RDAT[11]
RDAT[10]
RDAT[9]
RDAT[8]
RDAT[7]
RDAT[6]
RDAT[5]
RDAT[4]
RDAT[3]
RDAT[2]
RDAT[1]
RDAT[0]
Output
T20
T19
R17
T18
U20
U19
T17
U18
V17
U16
W17
Y17
V16
U15
W16
Y16
Receive Cell Data Bus (RDAT[15:0]). This
bus carries the ATM cell octets that are
read from the receive ATM FIFO selected
by RADR[4:0]. RDAT[15:0] is tri-stated
when RENB is high. RDAT[15:0] is
updated on the rising edge of RFCLK.
The S/UNI-QJET can be configured to
operate with an 8-bit wide or 16-bit wide
ATM data interface via the ATM8 input pin.
RDAT[15:8] will remain tri-stated if ATM8 is
set to logic 1.
RDAT[15:0] is tri-stated when either the
null-PHY address (1FH) or an address not
matching the address space set by
PHY_ADR[2:0] is latched from the
RADR[4:2] inputs when RENB is high.
RPRTY
Output
R18
Receive Parity (RPRTY). The receive
parity (RPRTY) signal indicates the parity
of the RDAT bus.
The S/UNI-QJET can be configured to
operate with an 8-bit wide or 16-bit wide
ATM data interface via the ATM8 input pin.
In the 8-bit mode, RPRTY reflects the
parity of RDAT[7:0]. In the 16-bit mode,
RPRTY reflects the parity of RDAT[15:0].
Odd or even parity selection is made using
the RXPTYP register bit.
RPRTY is tri-stated when either the null-
PHY address (1FH) or an address not
matching the address space set by
PHY_ADR[2:0] is latched from the
RADR[4:2] inputs when RENB is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com