Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7346 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc PM7346 Datasheet HTML 92Page - PMC-Sierra, Inc PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 70
More precisely, filtering is performed when filtering is enabled or when HCS
errors are found when HCS checking is enabled. Otherwise, all cells are passed
on regardless of any error conditions. Cells can be blocked if the HCS pattern is
invalid or if the filtering 'Match Pattern' and 'Match Mask' registers are
programmed with a certain blocking pattern. ATM Idle cells are filtered by
default. For ATM cells, Null cells (Idle cells) are identified by the standardized
header pattern of 'H00, 'H00, 'H00 and 'H01 in the first 4 octets followed by the
valid HCS octet.
While the cell delineation state machine is in the SYNC state, the HCS
verification circuit implements the state machine shown in Figure 11.
In normal operation, the HCS verification state machine remains in the
'Correction' state. Incoming cells containing no HCS errors are passed to the
receive FIFO. Incoming single-bit errors are corrected, and the resulting cell is
passed to the FIFO. Upon detection of a single-bit error or a multi-bit error, the
state machine transitions to the 'Detection' state.
A programmable hysteresis is provided when dropping cells based on HCS
errors. When a cell with an HCS error is detected, the RXCP-50 can be
programmed to continue to discard cells until m (where m = 1, 2, 4, 8) cells are
received with a correct HCS. The mth cell is not discarded (see Figure 11). Note
that the dropping of cells due to HCS errors only occurs while the ATMF is in the
SYNC state.
Cell delineation can optionally be disabled, allowing the RXCP-50 to pass all
data bytes it receives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com