Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7346 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc PM7346 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 40
Pin Name
Type
Pin No.
Function
FRMSTAT[4]
FRMSTAT[3]
FRMSTAT[2]
FRMSTAT[1]
Output
U1
U2
T4
U3
Framer Status (FRMSTAT[4:1]).
FRMSTAT[4:1] is an active high signal
which can be configured to show when
one of the J2, E3, DS3, or PLCP framers
have detected certain conditions. The
FRMSTAT[4:1] outputs can be
programmed via the STATSEL[2:0] bits in
the S/UNI-QJET Configuration 2 Register
to indicate: E3/DS3 Loss of Frame or J2
extended Loss of Frame, E3/DS3 Out of
Frame or J2 Loss of Frame, PLCP Loss of
Frame, PLCP Out of Frame, AIS, Loss of
Signal, and DS3 Idle. FRMSTAT[4:1]
should be treated as a glitch free
asynchronous signal.
ATM8
Input
L18
ATM Interface Bus Width Selection
(ATM8). The ATM8 input pin determines
whether the S/UNI-QJET works with a 8-
bit wide interface (RDAT[7:0] and
TDAT[7:0]) or a 16-bit wide interface
(RDAT[15:0] and TDAT[15:0]). If ATM8 is
set to logic 1, then the 8-bit wide interface
is chosen. If ATM8 is set to logic 0, then
the 16-bit wide interface is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com