Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9665PW
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665PW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9665PW Datasheet HTML 1Page - NXP Semiconductors PCA9665PW Datasheet HTML 2Page - NXP Semiconductors PCA9665PW Datasheet HTML 3Page - NXP Semiconductors PCA9665PW Datasheet HTML 4Page - NXP Semiconductors PCA9665PW Datasheet HTML 5Page - NXP Semiconductors PCA9665PW Datasheet HTML 6Page - NXP Semiconductors PCA9665PW Datasheet HTML 7Page - NXP Semiconductors PCA9665PW Datasheet HTML 8Page - NXP Semiconductors PCA9665PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
5 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
6.2 Pin description
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Type
Description
DIP20,
SO20,
TSSOP20
HVQFN20
D0
1
18
I/O
Data bus: Bidirectional 3-state data bus used to
transfer commands, data and status between the bus
controller and the CPU. D0 is the least significant bit.
D1
2
19
I/O
D2
3
20
I/O
D3
4
1
I/O
D4
5
2
I/O
D5
6
3
I/O
D6
7
4
I/O
D7
8
5
I/O
i.c.
9
6
-
internally connected: must be left floating (pulled
LOW internally)
VSS
10
7[1]
power
Supply ground
WR
11
8
I
Write strobe: When LOW and CE is also LOW, the
content of the data bus is loaded into the addressed
register. Data are latched on the rising edge of either
WR or CE.
RD
12
9
I
Read strobe: When LOW and CE is also LOW,
causes the contents of the addressed register to be
presented on the data bus. The read cycle begins on
the falling edge of RD.
CE
13
10
I
Chip Enable: Active LOW input signal. When LOW,
data transfers between the CPU and the bus
controller are enabled on D0 to D7 as controlled by
the WR, RD and A0 to A1 inputs. When HIGH,
places the D0 to D7 lines in the 3-state condition.
Data are written into the addressed register on rising
edge of either CE or WR.
A0
14
11
I
Address inputs: Selects the bus controller’s internal
registers and ports for read/write operations.
A1
15
12
I
INT
16
13
O
Interrupt request: Active LOW, open-drain, output.
This pin requires a pull-up device.
RESET
17
14
I
Reset: Active LOW input. A LOW level clears internal
registers and resets the I2C-bus state machine.
SCL
18
15
I/O
I2C-bus serial clock input/output (open-drain).
This pin requires a pull-up device.
SDA
19
16
I/O
I2C-bus serial data input/output (open-drain). This pin
requires a pull-up device.
VDD
20
17
power
Power supply: 2.3 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com