Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9665PW
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9665PW Datasheet HTML 3Page - NXP Semiconductors PCA9665PW Datasheet HTML 4Page - NXP Semiconductors PCA9665PW Datasheet HTML 5Page - NXP Semiconductors PCA9665PW Datasheet HTML 6Page - NXP Semiconductors PCA9665PW Datasheet HTML 7Page - NXP Semiconductors PCA9665PW Datasheet HTML 8Page - NXP Semiconductors PCA9665PW Datasheet HTML 9Page - NXP Semiconductors PCA9665PW Datasheet HTML 10Page - NXP Semiconductors PCA9665PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
7 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
Table 4.
Indirect register selection by setting A1 = 1 and A0 = 0
Register name
Register function
INDPTR
Read/Write
Default
I2CCOUNT
byte count
00h
R/W
01h
I2CADR
own address
01h
R/W
E0h
I2CSCLL
SCL LOW period
02h
R/W
9Dh
I2CSCLH
SCL HIGH period
03h
R/W
86h
I2CTO
time-out
04h
R/W
FFh
I2CPRESET
parallel software reset
05h
W
00h
I2CMODE
I2C-bus mode
06h
R/W
00h
Fig 6.
Register mapping flowchart
002aab459
I2CSTA REGISTER
A1 A0 = 00
read?
yes
no
INDPTR REGISTER
A1 A0 = 00
write?
yes
no
A1 A0 = 10
read/write?
yes
no
INDPTR = 00h
?
yes
I2CCOUNT REGISTER
A1 A0 = 01
read/write?
no
INDPTR = 01h
?
yes
I2CADR REGISTER
I2CDAT REGISTER
yes
A1 A0 = 11
read/write?
INDPTR = 02h
?
yes
I2CSCLL REGISTER
I2CCON REGISTER
yes
INDPTR = 03h
?
yes
I2CSCLH REGISTER
no
no
no
no
INDPTR = 04h
?
yes
I2CTO REGISTER
no
INDPTR = 05h
?
yes
I2CPRESET REGISTER
no
INDPTR = 06h
?
yes
I2CMODE REGISTER
no
RESERVED
(write only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com