Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9665PW
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665PW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9665PW Datasheet HTML 1Page - NXP Semiconductors PCA9665PW Datasheet HTML 2Page - NXP Semiconductors PCA9665PW Datasheet HTML 3Page - NXP Semiconductors PCA9665PW Datasheet HTML 4Page - NXP Semiconductors PCA9665PW Datasheet HTML 5Page - NXP Semiconductors PCA9665PW Datasheet HTML 6Page - NXP Semiconductors PCA9665PW Datasheet HTML 7Page - NXP Semiconductors PCA9665PW Datasheet HTML 8Page - NXP Semiconductors PCA9665PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
3 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
5.
Block diagram
Fig 1.
Block diagram of PCA9665
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
I2CDAT – data register – read/write
BUS BUFFER
SDA CONTROL
AA ENSIO STA STO SI
SCL CONTROL
ENSIO STA STO SI
FILTER
PCA9665
SDA
SCL
–
–
–
–
–
IP2
IP1
IP0
INDPTR – indirect address pointer – write only
ST5
ST4
ST3
ST2
ST1
ST0
0
0
I2CSTA – status register – read only
AA
ENSIO
STA
STO
SI
MODE
I2CCON – control register – read/write
CLOCK SELECTOR
OSCILLATOR
CONTROL BLOCK
CE
WR
RD
INT
RESET
A1
A0
VDD
A1
A0
01
00
00
11
INTERRUPT CONTROL
POWER-ON
RESET
D7
D6
D5
D4
D3
D2
D1
D0
data
FILTER
control signals
002aab023
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
INDIRECT – indirect register access – read/write
10
direct registers
AD7
AD6
AD5
AD4
AD3
AD2
AD1
GC
I2CADR – own address – read/write
L7
L6
L5
L4
L3
L2
L1
L0
I2CSCLL – SCL LOW period – read/write
H7
H6
H5
H4
H3
H2
H1
H0
I2CSCLH – SCL HIGH period – read/write
TE
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
I2CTO – TIMEOUT register – read/write
indirect registers
00h
01h
02h
03h
INDPTR
LB
BC6
BC5
BC2
BC1
BC0
I2CCOUNT – byte count – read/write
BC4
BC3
IR7
IR6
IR5
IR4
IR3
IR2
IR1
IR0
I2CPRESET – software reset register – write only
04h
05h
–
–
–
AC0
I2CMODE – I2C-bus mode register – read/write
–––
––
AC1
06h
68-BYTE
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com