Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9665PW
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665PW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9665PW Datasheet HTML 1Page - NXP Semiconductors PCA9665PW Datasheet HTML 2Page - NXP Semiconductors PCA9665PW Datasheet HTML 3Page - NXP Semiconductors PCA9665PW Datasheet HTML 4Page - NXP Semiconductors PCA9665PW Datasheet HTML 5Page - NXP Semiconductors PCA9665PW Datasheet HTML 6Page - NXP Semiconductors PCA9665PW Datasheet HTML 7Page - NXP Semiconductors PCA9665PW Datasheet HTML 8Page - NXP Semiconductors PCA9665PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
1.
General description
The PCA9665 serves as an interface between most standard parallel-bus
microcontrollers/microprocessors and the serial I2C-bus and allows the parallel bus
system to communicate bidirectionally with the I2C-bus. The PCA9665 can operate as a
master or a slave and can be a transmitter or receiver. Communication with the I2C-bus is
carried out on a Byte or Buffered mode using interrupt or polled handshake. The
PCA9665 controls all the I2C-bus specific sequences, protocol, arbitration and timing with
no external timing element required.
The PCA9665 has the same footprint as the PCA9564 with additional features:
• 1 MHz transmission speeds
• Up to 25 mA drive capability on SCL/SDA
• 68-byte buffer
• I2C-bus General Call
• Software reset on the parallel bus
2.
Features
I Parallel-bus to I2C-bus protocol converter and interface
I Both master and slave functions
I Multi-master capability
I Internal oscillator trimmed to 15 % accuracy reduces external components
I 1 Mbit/s and up to 25 mA SCL/SDA IOL (Fast-mode Plus (Fm+)) capability
I I2C-bus General Call capability
I Software reset on parallel bus
I 68-byte data buffer
I Operating supply voltage: 2.3 V to 3.6 V
I 5 V tolerant I/Os
I Standard-mode and Fast-mode I2C-bus capable and compatible with SMBus
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: DIP20, SO20, TSSOP20, HVQFN20
PCA9665
Fm+ parallel bus to I2C-bus controller
Rev. 02 — 7 December 2006
Product data sheet


Similar Part No. - PCA9665PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665PW NXP-PCA9665PW Datasheet
427Kb / 90P
Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665PW NXP-PCA9665PW Datasheet
710Kb / 92P
Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
More results

Similar Description - PCA9665PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
I2C-bus controller
1997 Oct 21
PCA9564 PHILIPS-PCA9564 Datasheet
222Kb / 31P
Parallel bus to I2C-bus controller
2003 Apr 02
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9629A NXP-PCA9629A Datasheet
1Mb / 59P
Fm I2C-bus advanced stepper motor controller
Rev. 2-21 March 2014
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
NXP Semiconductors
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com