Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665PW Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCA9665PW
Description  Fm parallel bus to I2C-bus controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665PW Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCA9665PW Datasheet HTML 54Page - NXP Semiconductors PCA9665PW Datasheet HTML 55Page - NXP Semiconductors PCA9665PW Datasheet HTML 56Page - NXP Semiconductors PCA9665PW Datasheet HTML 57Page - NXP Semiconductors PCA9665PW Datasheet HTML 58Page - NXP Semiconductors PCA9665PW Datasheet HTML 59Page - NXP Semiconductors PCA9665PW Datasheet HTML 60Page - NXP Semiconductors PCA9665PW Datasheet HTML 61Page - NXP Semiconductors PCA9665PW Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
58 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
8.8.4 I2CSTA = 78h
This status code indicates that the SCL line is stuck LOW.
8.9 Some special cases
The PCA9665 has facilities to handle the following special cases that may occur during a
serial transfer.
8.9.1 Simultaneous repeated START conditions from two masters
A repeated START condition may be generated in the Master Transmitter or Master
Receiver modes. A special case occurs if another master simultaneously generates a
repeated START condition (see Figure 15). Until this occurs, arbitration is not lost by
either master since they were both transmitting the same data.
If the PCA9665 detects a repeated START condition on the I2C-bus before generating a
repeated START condition itself, it will use the repeated START as its own and continue
with the sending of the slave address.
8.9.2 Data transfer after loss of arbitration
Arbitration may be lost in the Master Transmitter and Master Receiver modes. Loss of
arbitration is indicated by the following states in I2CSTA; 38h, 68h, and B0h (see Figure 7,
Figure 11, Figure 8, and Figure 12).
Remark: In order to exit state 38h, a Time-out, Reset, or external STOP are required.
If the STA flag in I2CCON is set by the routines which service these states, then, if the bus
is free again, a START condition (state 08h) is transmitted without intervention by the
CPU, and a retry of the total serial transfer can commence.
8.9.3 Forced access to the I2C-bus
In some applications, it may be possible for an uncontrolled source to cause a bus
hang-up. In such situations, the problem may be caused by interference, temporary
interruption of the bus or a temporary short-circuit between SDA and SCL.
If an uncontrolled source generates a superfluous START or masks a STOP condition,
then the I2C-bus stays busy indefinitely. If the STA flag is set and bus access is not
obtained within a reasonable amount of time, then a forced access to the I2C-bus is
possible. If the I2C-bus stays idle for a time period equal to the time-out period, then the
PCA9665 concludes that no other master is using the bus and sends a START condition.
Fig 15. Simultaneous repeated START conditions from 2 masters
S
SLA
W
A
DATA
A
18h
28h
002aab028
other master sends
repeated START condition earlier
08h
S
both masters continue
with SLA transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com