Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03RBT6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 51Page - STMicroelectronics 03RBT6 Datasheet HTML 52Page - STMicroelectronics 03RBT6 Datasheet HTML 53Page - STMicroelectronics 03RBT6 Datasheet HTML 54Page - STMicroelectronics 03RBT6 Datasheet HTML 55Page - STMicroelectronics 03RBT6 Datasheet HTML 56Page - STMicroelectronics 03RBT6 Datasheet HTML 57Page - STMicroelectronics 03RBT6 Datasheet HTML 58Page - STMicroelectronics 03RBT6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
STM32F103xx
Electrical characteristics
55/67
RAIN
External input impedance
TBD(2)(3)
k
Ω
CAIN
External capacitor on analog
input
pF
Ilkg
Negative input leakage current
on analog pins
VIN < VSS, | IIN | < 400 µA
on adjacent analog pin
56
µA
RADC
Sampling switch resistance
1
k
Ω
CADC
Internal sample and hold
capacitor
5pF
tCAL
Calibration time
fADC = 14MHz
5.9
µs
83
1/fADC
tlat
Injection conversion latency
fADC = 14 MHz
0.214
µs
31/fADC
tS
Sampling time
fADC = 14 MHz
0.107
17.1
µs
tSTAB
Power-up time
0
0
1
µs
tCONV
Total conversion time (including
sampling time)
fADC = 14 MHz
118
µs
14 (1.5 for sampling
+12.5 for successive
approximation)
1/fADC
1.
TBD = to be determined.
2.
Depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and reduced to
allow the use of a larger serial resistor (RAIN). It is valid for all fADC frequencies ≤14 MHz.
3.
During the sample time the input capacitance CAIN (5 max) can be charged/discharged by the external
source. The internal resistance of the analog source must allow the capacitance to reach its final voltage
level within tS. After the end of the sample time tS, changes of the analog input voltage have no effect on
the conversion result. Values for the sample clock tS depend on programming.
Table 40.
ADC accuracy (fPCLK2 = 14 MHz, fADC = 14 MHz, RAIN <10 kΩ, VDDA =
3.3 V)(1)
1.
TBD = to be determined.
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(2)
2.
ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of the standard (non-
robust) analog input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to
standard analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 5.3.12 does not
affect the ADC accuracy.
3TBD
LSB
|EO|
Offset error(2)
1TBD
|EG|Gain Error
(2)
2TBD
|ED|
Differential linearity error(2)
3TBD
|EL|
Integral linearity error(2)
2TBD
Table 39.
ADC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com