Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03RBT6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 25Page - STMicroelectronics 03RBT6 Datasheet HTML 26Page - STMicroelectronics 03RBT6 Datasheet HTML 27Page - STMicroelectronics 03RBT6 Datasheet HTML 28Page - STMicroelectronics 03RBT6 Datasheet HTML 29Page - STMicroelectronics 03RBT6 Datasheet HTML 30Page - STMicroelectronics 03RBT6 Datasheet HTML 31Page - STMicroelectronics 03RBT6 Datasheet HTML 32Page - STMicroelectronics 03RBT6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
STM32F103xx
Electrical characteristics
29/67
5.3.5
Supply current characteristics
The current consumption is measured as described in Figure 10: Current consumption
measurement scheme.
Maximum current consumption
The MCU is placed under the following conditions:
●
All I/O pins are in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if it is explicitly mentioned
●
The Flash access time is adjusted to fHCLK frequency (0 wait state from 0 to 24 MHz, 1
wait state from 24 to 48 MHz and 2 wait states above)
The parameters given in Table 11 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
Table 11.
Maximum current consumption in Run and Sleep modes(1)
Symbol
Parameter
Conditions
FHCLK
Typ(2)
Max(3)
Unit
TA =
85 °C
TA=
105 °C
IDD
Supply
current in
Run mode
External clock with PLL, code running from
Flash, all peripherals enabled (see RCC
register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
72 MHz
36
TBD
TBD
mA
48 MHz
30
TBD
TBD
36 MHz
22
TBD
TBD
24 MHz
21
TBD
TBD
External clock, PLL stopped, code running
from Flash, all peripherals enabled (see RCC
register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
8 MHz
10
TBD
TBD
External clock with PLL, code running from
RAM, all peripherals enabled (see RCC
register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
72 MHz
32
45
47
48 MHz
22
31
33
36 MHz
13
18
20
24 MHz
11
15
17
External clock, PLL stopped, code running
from RAM, all peripherals enabled (see RCC
register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
8 MHz
4.5
TBD
TBD
Supply
current in
Sleep mode
External clock with PLL, code running from
RAM or Flash, all peripherals enabled (see
RCC register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
72 MHz
22
35
37
mA
48 MHz
14
23
25
36 MHz
13
22
24
24 MHz
10
17
19
External clock, PLL stopped, code running
from RAM or Flash, all peripherals enabled
(see RCC register description):
fPCLK1= fHCLK/2, fPCLK2 = fHCLK
8 MHz
3.5
TBD
TBD
1.
TBD stands for to be determined.
2.
Typical values are measured at TA = 25 °C, and VDD = 3.3 V
3.
Data based on characterization results, tested in production at VDmax, fHCLK max. TAmax, and code executed from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com