Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03RBT6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 2Page - STMicroelectronics 03RBT6 Datasheet HTML 3Page - STMicroelectronics 03RBT6 Datasheet HTML 4Page - STMicroelectronics 03RBT6 Datasheet HTML 5Page - STMicroelectronics 03RBT6 Datasheet HTML 6Page - STMicroelectronics 03RBT6 Datasheet HTML 7Page - STMicroelectronics 03RBT6 Datasheet HTML 8Page - STMicroelectronics 03RBT6 Datasheet HTML 9Page - STMicroelectronics 03RBT6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
Introduction
STM32F103xx
6/67
1
Introduction
This datasheet provides the STM32F103xx performance line ordering information and
mechanical device characteristics.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming reference manual, pm0042, available
from www.st.com.
For information on the Cortex-M3 core please refer to the Cortex-M3 Technical Reference
Manual.
2
Description
The STM32F103xx performance line family incorporates the high-performance ARM
Cortex-M3 32-bit RISC core operating at a 72 MHz frequency, high-speed embedded
memories (Flash memory up to 128Kbytes and SRAM up to 20 Kbytes), and an extensive
range of enhanced I/Os and peripherals connected to two APB buses. All devices offer two
12-bit ADCs, three general purpose 16-bit timers plus one PWM timer, as well as standard
and advanced communication interfaces: up to two I2Cs and SPIs, three USARTs, an USB
and a CAN.
The STM32F103xx performance line family operates in the
−40 to +105 °C temperature
range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows
to design low-power applications.
The complete STM32F103xx performance line family includes devices in 4 different
package types: from 48 pins to 100 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F103xx performance line microcontroller family suitable for
a wide range of applications:
●
Motor drive and application control
●
Medical and handheld equipment
●
PC peripherals gaming and GPS platforms
●
Industrial applications: PLC, inverters, printers, and scanners
●
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com