Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03RBT6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 42Page - STMicroelectronics 03RBT6 Datasheet HTML 43Page - STMicroelectronics 03RBT6 Datasheet HTML 44Page - STMicroelectronics 03RBT6 Datasheet HTML 45Page - STMicroelectronics 03RBT6 Datasheet HTML 46Page - STMicroelectronics 03RBT6 Datasheet HTML 47Page - STMicroelectronics 03RBT6 Datasheet HTML 48Page - STMicroelectronics 03RBT6 Datasheet HTML 49Page - STMicroelectronics 03RBT6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Electrical characteristics
STM32F103xx
46/67
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 16 and
Table 31, respectively.
Unless otherwise specified, the parameters given in Table 31 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 7.
Table 31.
I/O AC characteristics(1)
1.
Refer to the Reference user manual UM0306 for a description of GPIO Port configuration register.
I/O
mode(1)
Symbol
Parameter
Conditions
Min Max Unit
10
fmax(IO)out Maximum frequency
(2)
2.
The maximum frequency is defined in Figure 16.
CL = 50 pF, VDD = 2 V to 3.6 V
2
MHz
tf(IO)out
Output high to low level fall
time(3)
3.
Values based on design simulation and validated on silicon, not tested in production.
CL = 50 pF, VDD = 2 V to 3.6 V
125
ns
tr(IO)out
Output low to high level
rise time(3)
125
01
fmax(IO)out Maximum frequency
(2)
CL = 50 pF, VDD = 2 V to 3.6 V
10
MHz
tf(IO)out
Output high to low level fall
time(3)
CL = 50 pF, VDD = 2 V to 3.6 V
25
ns
tr(IO)out
Output low to high level
rise time(3)
25
11
Fmax(IO)out Maximum frequency
(2)
CL = 30 pF, VDD = 2.7 V to 3.6 V
50
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V
30
MHz
CL = 50 pF, VDD = 2 V to 2.7 V
20
MHz
tf(IO)out
Output high to low level fall
time(3)
CL = 30 pF, VDD = 2.7 V to 3.6 V
5
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V
8
CL = 50 pF, VDD = 2 V to 2.7 V
12
tr(IO)out
Output low to high level
rise time(3)
CL = 30 pF, VDD = 2.7 V to 3.6 V
5
CL = 50 pF, VDD = 2.7 V to 3.6 V
8
CL = 50 pF, VDD = 2 V to 2.7 V
12
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com