Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03RBT6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 26Page - STMicroelectronics 03RBT6 Datasheet HTML 27Page - STMicroelectronics 03RBT6 Datasheet HTML 28Page - STMicroelectronics 03RBT6 Datasheet HTML 29Page - STMicroelectronics 03RBT6 Datasheet HTML 30Page - STMicroelectronics 03RBT6 Datasheet HTML 31Page - STMicroelectronics 03RBT6 Datasheet HTML 32Page - STMicroelectronics 03RBT6 Datasheet HTML 33Page - STMicroelectronics 03RBT6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Electrical characteristics
STM32F103xx
30/67
Table 12.
Maximum current consumption in Stop and Standby modes(1)
Symbol
Parameter
Conditions
Typ(2)
Max(3)
Unit
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C
TA =
105 °C
IDD
Supply current
in Stop mode
Regulator in Run mode,
Low-speed and high-speed internal
RC oscillators and high-speed
oscillator OFF (no independent
watchdog)
TBD
24
TBD
TBD
µA
Regulator in Low Power mode,
Low-speed and high-speed internal
RC oscillators and high-speed
oscillator OFF (no independent
watchdog)
TBD(4)
14(4)
TBD(4) TBD(4)
Supply current
in Standby
mode(5)
Low-speed internal RC oscillator and
independent watchdog OFF, low-
speed oscillator and RTC OFF
TBD(4)
2(4)
TBD(4) TBD(4)
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
1(4)
1.4(4)
TBD(4) TBD(4)
1.
TBD stands for to be determined.
2.
Typical values are measured at TA = 25 °C, VDD = 3.3 V, unless otherwise specified.
3.
Data based on characterization results, tested in production at VDD max, fHCLK max. and TA max (for other temperature.
4.
Values expected for next silicon revision.
5.
To have the Standby consumption with RTC ON, add IDD_VBAT (Low-speed oscillator and RTC ON) to IDD Standby (when
VDD is present the Backup Domain is powered by VDD supply).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com