Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125F3D Datasheet(PDF) 10 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 10 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 6Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 7Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 8Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 9Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 10Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 11Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 12Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 13Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 14Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
10
MARCH 1994 - REVISED MARCH 2000
P R OD UCT
INFORM A T ION
TYPICAL CHARACTERISTICS
R and T terminals
TISP7125F3 THRU TISP7180F3
TISP7240F3 THRU TISP7380F3
Figure 22.
Figure 23.
Figure 24.
Figure 25.
ON-STATE CURRENT
V
T - On-State Voltage - V
23
4
5
6
7 8 9
110
1
10
100
TC7MAK
ON-STATE VOLTAGE
vs
-40°C
150°C
25°C
ON-STATE CURRENT
V
T - On-State Voltage - V
23
4
5
6
7 8 9
110
1
10
100
TC7HAK
ON-STATE VOLTAGE
vs
-40°C
150°C
25°C
HOLDING CURRENT & BREAKOVER CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
TC7MAJ
JUNCTION TEMPERATURE
vs
I
H
I
(BO)
HOLDING CURRENT & BREAKOVER CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·06
0·07
0·08
0·09
0·2
0·3
0·4
0·5
0·6
0·7
0·8
0·9
0·1
1·0
TC7HAJ
JUNCTION TEMPERATURE
vs
I
H
I
(BO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com