Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125F3D Datasheet(PDF) 21 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 21 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 17Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 18Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 19Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 20Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 21Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 22Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 23Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 24Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 25Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
MARCH 1994 - REVISED MARCH 2000
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
MECHANICAL DATA
D008
plastic small-outline package
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
5,21 (0.205)
4,60 (0.181)
NOTES: A. Leads are within 0,25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0,15 (0.006).
D. Lead tips to be planar within ±0,051 (0.002).
1,75 (0.069)
1,35 (0.053)
6,20 (0.244)
5,80 (0.228)
5,00 (0.197)
4,80 (0.189)
D008
8
765
4
3
2
1
4,00 (0.157)
3,81 (0.150)
7° NOM
3 Places
7° NOM
4 Places
0,51 (0.020)
0,36 (0.014)
8 Places
Pin Spacing
1,27 (0.050)
(see Note A)
6 Places
1,12 (0.044)
0,51 (0.020)
4° ± 4°
0,79 (0.031)
0,28 (0.011)
0,203 (0.008)
0,102 (0.004)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
8-pin Small Outline Microelectronic Standard
Package MS-012, JEDEC Publication 95
0,50 (0.020)
0,25 (0.010)
x45°NOM
0,229 (0.0090)
0,190 (0.0075)
MDXXAAC
INDEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com