Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125F3D Datasheet(PDF) 22 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 22 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 17Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 18Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 19Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 20Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 21Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 22Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 23Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 24Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 25Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
22
MARCH 1994 - REVISED MARCH 2000
P R OD UCT
INFORM A T ION
MECHANICAL DATA
D008
tape dimensions
D008 Package (8-pin Small Outline) Single-Sprocket Tape
ALL LINEAR DIMENSIONS IN MILLIMETERS
6,30
6,50
11,70
12,30
5,40
5,60
1,50
1,60
3,90
4,10
7,90
8,10
1,95
2,05
0,8 MIN.
0MIN.
0,40
2,0
2,2
Direction of Feed
ø1,5 MIN.
Carrier Tape
Embossment
Cover
Tape
NOTES: A. Taped devices are supplied on a reel of the following dimensions:-
Reel diameter:
330 +0,0/-4,0 mm
Reel hub diameter:
100 ±2,0 mm
Reel axial hole:
13,0 ±0,2 mm
B. 2500 devices are on a reel.
MDXXATB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com