Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125F3D Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 3 Page - Power Innovations Ltd

  TISP7125F3D Datasheet HTML 1Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 2Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 3Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 4Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 5Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 6Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 7Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 8Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
MARCH 1994 - REVISED MARCH 2000
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
electrical characteristics for all terminal pairs, TA = 25 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRM
Repetitive peak off-
state current
VD =VDRM,0 °C <TA < 70 °C
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms,
RSOURCE =300 Ω
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±125
±150
±180
±240
±260
±290
±320
±350
±380
V
V(BO)
Impulse breakover
voltage
dv/dt
≤ ±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
‘7125F3
‘7150F3
‘7180F3
‘7240F3
‘7260F3
‘7290F3
‘7320F3
‘7350F3
‘7380F3
±143
±168
±198
±269
±289
±319
±349
±379
±409
V
I(BO)
Breakover current
dv/dt = ±250 V/ms,
RSOURCE =300 Ω
±0.1
±0.8
A
VT
On-state voltage
IT =±5 A,tW =100 µs
±5
V
IH
Holding current
IT = ±5 A, di/dt = +/-30 mA/ms
±0.15
A
dv/dt
Critical rate of rise of
off-state voltage
Linear voltage ramp, Maximum ramp value < 0.85VDRM
±5
kV/µs
ID
Off-state current
VD =±50 V
±10
µA
Coff
Off-state capacitance
f= 1 MHz,
Vd =1V rms, VD =0
f= 1 MHz,
Vd =1V rms, VD =-1V
f= 1 MHz,
Vd =1V rms, VD =-2V
f= 1 MHz,
Vd =1V rms, VD =-5V
f= 1 MHz,
Vd =1V rms, VD =-50 V
f= 1 MHz,
Vd =1V rms, VD =-100V
f= 1 MHz,
Vd =1V rms, VDTR =0
(see Note 4)
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
‘7125 thru ‘7180
‘7240 thru ‘7380
37
31
40
34
36
30
31
24
17
13
14
10
20
17
48
41
52
44
47
39
40
31
23
17
18
13
27
23
pF
NOTE
4: Three-terminal guarded measurement, unmeasured terminal voltage bias is zero. First six capacitance values, with bias VD,are
for the R-G and T-G terminals only. The last capacitance value, with bias VDTR, is for the T-R terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com