Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7125F3D Datasheet(PDF) 13 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 13 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 9Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 10Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 11Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 12Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 13Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 14Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 15Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 16Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 17Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
MARCH 1994 - REVISED MARCH 2000
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
THERMAL INFORMATION
Non-repetitive peak on-state pulse derated values for 0 °C
≤ TA ≤ 70 °C
RATING
SYMBOL
VALUE
UNIT
Non-repetitive peak on-state pulse current, 0 °C < TA < 70 °C (see Notes 5, 6 and 7)
IPPSM
A
1/2 (Gas tube differential transient, 1/2 voltage wave shape)
320
2/10 (Telcordia GR-1089-CORE, 2/10 voltage wave shape)
175
1/20 (ITU-T K.22, 1.2/50 voltage wave shape, 25
Ω resistor)
90
8/20 (IEC 61000-4-5, combination wave generator, 1.2/50 voltage wave shape)
150
10/160 (FCC Part 68, 10/160 voltage wave shape)
90
4/250 (ITU-T K.20/21, 10/700 voltage wave shape, dual)
70
0.2/310 (CNET I 31-24, 0.5/700 voltage wave shape)
65
5/310 (ITU-T K.20/21, 10/700 voltage wave shape, single)
65
5/320 (FCC Part 68, 9/720 voltage wave shape)
65
10/560 (FCC Part 68, 10/560 voltage wave shape)
45
10/1000 (Telcordia GR-1089-CORE, 10/1000 voltage wave shape)
40
NOTES: 5. Initially the TISP
® must be in thermal equilibrium at the specified T
A. The impulse may be repeated after the TISP
® returns to its
initial conditions. The rated current values may be applied either to the R to G or to the T to G or to the T to R terminals.
Additionally, both R to G and T to G may have their rated current values applied simultaneously (In this case the total G terminal
current will be twice the above rated current values).
6. See Applications Information for details on wave shapes.
7. Above 70 °C, derate IPPSM linearly to zero at 150 °C lead temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com