Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F104AJS Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 33Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 34Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 35Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 36Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 37Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 38Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 39Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 40Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
MB95100AM Series
37
(Vcc
= AVcc = 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Open-drain
output
application
voltage
VD
P50, P51,
P80 to P83
⎯
Vss
−
0.3
⎯
Vss
+
5.5
V
“H” level output
voltage
VOH1
Output pin other than
P00 to P07
IOH
=
− 4.0 mA
VCC
−
0.5
⎯⎯
V
VOH2 P00 to P07
IOH
=
− 8.0 mA
VCC
−
0.5
⎯⎯
V
“L” level output
voltage
VOL1
Output pin other than
P00 to P07, RST*3
IOL
= 4.0 mA
⎯⎯
0.4
V
VOL2 P00 to P07
IOL
= 12 mA
⎯⎯
0.4
V
Input leakage
current (Hi-Z
output leakage
current)
ILI
Port other than
P50, P51, P80 to P83
0.0 V < VI <
Vcc
− 5
⎯
+ 5
µA
When the pull-up
prohibition setting
Open-drain
output leakage
current
ILIOD
P50, P51,
P80 to P83
0.0 V < VI <
Vss
+ 5.5 V
⎯⎯
5
µA
Pull-up resistor RPULL
P10 to P14,P20 to P24,
P30 to P37, P40 to P43,
P52, P53, P70, P71,
PE0 to PE3, PG1*2,
PG2*2
VI
= 0.0 V
25
50
100
k
Ω
When the pull-up
permission setting
Pull-down
resistor
RMOD MOD
VI
= Vcc
25
50
100
k
Ω MASK ROM product
Input
capacitance
CIN
Other than AVcc, AVss,
AVR, Vcc, Vss
f
= 1 MHz
⎯
515
pF
Power supply
current*4
ICC
Vcc
(External clock
operation)
VCC
= 5.5 V
FCH
= 20 MHz
FMP
= 10 MHz
Main clock
mode
(divided by 2)
⎯
9.5
12.5
mA
Flash memory product
(At other than writing
and erasing)
⎯
30
35
mA
Flash memory product
(At writing and
erasing)
⎯
7.2
9.5
mA MASK ROM product
FCH
= 32 MHz
FMP
= 16 MHz
Main clock
mode
(divided by 2)
⎯
15.2
20.0
mA
Flash memory product
(At other than writing
and erasing)
⎯
35.7
42.5
mA
Flash memory product
(At writing and
erasing)
⎯
11.6
15.2
mA MASK ROM product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com