Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F104AJS Datasheet(PDF) 63 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 63 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 59Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 60Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 61Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 62Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 63Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 64Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 65Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 66Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 67Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
MB95100AM Series
63
(3) Definition of A/D Converter Terms
• Resolution
The level of analog variation that can be distinguished by the A/D converter.
When the number of bits is 10, analog voltage can be divided into 210
= 1024.
• Linearity error (unit : LSB)
The deviation between the value along a straight line connecting the zero transition point (“00 0000 0000”
←
→ “00 0000 0001”) of a device and the full-scale transition point (“11 1111 1111” ← → “11 1111 1110”)
compared with the actual conversion values obtained.
• Differential linear error (Unit : LSB)
Deviation of input voltage, which is required for changing output code by 1 LSB, from an ideal value.
• Total error (unit: LSB)
Difference between actual and theoretical values, caused by a zero transition error, full-scale transition error,
linearity error, quantum error, and noise.
(Continued)
VFST
1.5 LSB
3FFH
3FEH
3FDH
004H
003H
002H
001H
3FFH
3FEH
3FDH
004H
003H
002H
001H
1 LSB
0.5 LSB
VOT
AVSS
AVR
AVSS
VNT
AVR
{1 LSB
× (N − 1) + 0.5 LSB}
1 LSB
=
AVR
− AVss
1024
(V)
Total error of
digital output N
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
Ideal I/O characteristics
Total error
Analog input
Analog input
[LSB]
Actual conversion
characteristic
Actual conversion
characteristic
Ideal characteristics
N
: A/D converter digital output value
VNT : A voltage at which digital output transits from (N
− 1) to N.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com