Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F104AJS Datasheet(PDF) 71 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 71 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 64Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 65Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 66Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 67Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 68Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 69Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 70Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 71Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 72Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
MB95100AM Series
71
■ MAIN CHANGES IN THIS EDITION
Page
Section
Change Results
⎯⎯
Added the part numbers.
( MB95F104AJS/MB95F104AJW
MB95F106AJS/MB95F106AJW
MB95F108AJS/MB95F108AJW)
4
■ PRODUCT LINEUP
Added the description "Clock supervisor" in the
section "Option".
18
■ PROGRAMMING FLASH MEMORY
MICROCONTROLLERS USING PARALLEL
PROGRAMMER
Inserted "
• Programming Method".
31
■ I/O MAP
Added the address 0FEAH.
35
2. Recommended Operating Conditions
"Verified the Min value in the section of "Other
than MB95FV100D-103", "In normal operating"
of "Power supply voltage";
2.45
→ 2.42.
Verified the value in *1;
2.9 V
→ 2.88 V.
Moved “H” level input voltage and “L” level input
voltage to the section "3. DC Characteristics".
36
3. DC Characteristics
Added the pin name at the "Pin name" in the
section of VIHA, “H” level input voltage.
Added the pin name at the "Pin name" in the
section of VILA, “L” level input voltage.
39
Deleted the line of "FCH = 16 MHz" in the section
"ICTS" of Power supply current.
40
4. AC Characteristics
(1) Clock Timing
Changed in the table;
VCC = 2.5 V to 5.5 V
→ VCC = 2.42 V to 5.5 V.
Changed the Max value on the third column of
the clock frequency;
16.25
→ 10.00
45
4. AC Characteristics
(2) Source Clock/Machine Clock
Verified the diagram of Main PLL operation
frequency range.
59
(9) Low Voltage Detection
Changed the release voltage:
2.55
→ 2.52 (Min value)
2.85
→ 2.88 (Max value)
Changed the detection voltage:
2.45
→ 2.42 (Min value)
2.75
→ 2.78 (Max value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com