Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB90583CAPF Datasheet HTML 1Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 2Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 3Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 4Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 5Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 6Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 7Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 8Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
MB90580C Series
4
s PRODUCT LINEUP
(Continued)
Item
Part number
MB90587C/CA
MB90583C/CA
MB90F583C/CA
MB90V580B
Classification
Mass-produced products
(MASK ROM)
Mass-produced products
(Flash ROM)
Development/
evaluation
product
ROM size
64 Kbytes
128 Kbytes
128 Kbytes
None
RAM size
4 Kbytes
6 Kbytes
6 Kbytes
6 Kbytes
Clock*1
Two clocks /
one clock system
Two clocks /
one clock system
Two clocks /
one clock system
Two clocks system
Emulator-specific
power supply *2

None
CPU functions
The number of instructions: 340
Instruction bit length: 8 bits, 16 bits
Instruction length: 1 byte to 7 bytes
Data bit length: 1 bit, 8 bits, 16 bits
Minimum execution time: 62.5 ns (at machine clock of 16 MHz)
Interrupt processing time: 1.5
µs (at machine clock of 16 MHz, minimum value)
Ports
General-purpose I/O ports (CMOS output)
General-purpose I/O port (Can be set as open-drain)
General-purpose I/O ports (Input pull-up resistors available)
Total:
: 45
: 8
: 22
: 77
IEBusTM controller
None
Communication mode: Half-duplex, asynchronous communication
Multi-master system
Access control: CDMA/CD
Three modes selectable for different transmission speeds
Transmit buffer: 8-byte FIFO buffer
Receive buffer: 8-byte FIFO buffer
Timebase timer
18-bit counter
Interrupt interval: 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms (At oscillation of 4 MHz)
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(at oscillation of 4 MHz, minimum value)
Clock timer
15-bit counter
Interrupt interval: 1 s, 0.5 s, 0.25 s, 31.25 ms (At oscillation of 32.768 kHz)
8/16-bit PPG timer
Number of channels: 1 (8-bit
× 2 channels)
PPG operation of 8-bit or 16-bit
A pulse wave of given intervals and given duty ratios can be output.
Pulse interval: 62.5 ns to 1 ms (at oscillation of 4 MHz, machine clock of 16 MHz)
16-bit reload timer
Number of channels: 3
Event count provided
Interval: 125 ns to 131 ms (at oscillation of 4 MHz, machine clock of 16 MHz)
PWC timer
Number of channels: 1
Timer function (select the counter timer from three internal clocks.)
Pulse width measuring function (select the counter timer from three internal clocks.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com