| Electronic Components Datasheet Search |
|
MB90583CAPF Datasheet(PDF) 49 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF Datasheet(HTML) 49 Page - fujitsu semiconductor |
|
49 / 110 page ![]() MB90580C Series 49 7. 16-bit I/O timer The 16-bit I/O timer module consists of one 16-bit free run timer, four input capture circuits, and two output comparators. This module allows two independent waveforms to be output on the basis of the 16-bit free run timer. Input pulse width and external clock periods can, therefore, be measured. (1) 16-bit free-run timer (1 channel) The 16-bit free run timer consists of a 16-bit up-counter, a control register, and a prescaler. The value output from this timer/counter is used as the base time for the input capture and output compare modules. • Counter operation clock (Selectable from among the following four) Four internal clock cycles: φ/4, φ/16, φ/64, φ/256 φ: Machine clock • Interrupts An interrupt can be generated when the 16-bit free-run timer causes a counter overflow or by compare/match operation with compare register 0. (The compare/match operation requires the mode setting). • Counter value An interrupt can be generated when the 16-bit free-run timer causes a counter overflow or when a match with compare register 0 occurs (The compare/match function can be used by the appropriate mode setting). • Initialization The counter value can be initialized to “0000H” at a reset, soft clear operation, or a match with compare register 0. (2) Output compare module (2 channels) The output compare module consists of two 16-bit compare registers, compare output latches, and control registers. When the 16-bit free-run timer value matches the compare register value, this module generates an interrupt while inverting the output level. • Two compare registers can operate independently. Output pin and interrupt flag for each compare register • A pair of compare registers can be used to control the output pin. Two compare registers can be used to invert the output pin polarity. • The initial value for each output pin can be set. • An interrupt can be generated by compare/match operation. (3) Input capture module (4 channels) The input capture module consists of capture registers and control registers respectively associated with four independent external input pins. This module can hold the 16-bit free run timer value in the capture register. In addition, it can detect an arbitrary edge of the signal input from each external input pin to generate an interrupt. • The external input signal edge to be detected can be selected. One or both of the rising and falling edges can be selected. • Four input capture channels can operate independently. • An interrupt can be generated at a valid edge of the external input signal. The extended intelligent I/O service can be activated by the interrupt by the input capture module. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |