Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 16Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 17Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 18Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 19Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 20Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 21Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 22Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 23Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 24Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
MB90580C Series
20
It is recommended to provide a bypass capacitor of around 0.1
µF between VCC and VSS pin near the device.
6.
Crystal Oscillator Circuit
Noises around X0 or X1 pins may be possible causes of abnormal operations. Make sure to provide bypass
capacitors via shortest distance from X0, X1 pins, crystal oscillator (or ceramic resonator) and ground lines, and
make sure, to the utmost effort, that lines of oscillation circuit not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board art work surrounding X0 and X1 pins with an grand
area for stabilizing the operation.
7.
Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVSS, AVRH, AVRL) and analog inputs (AN0 to AN7)
after turning-on the digital power supply (VCC).
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage of AVRH dose not exceed AVCC (turning on/off the analog and digital power supplies simulta-
neously is acceptable).
8.
Connection of Unused Pins of A/D Converter
Connect unused pin of A/D converter to AVCC = VCC, AVSS = AVRH = AVRL = VSS.
9.
Connection of Unused Pins of D/A Converter
Connect unused pin of D/A converter to DVRH = VSS, DVSS = VSS.
10. N.C. Pin
The N.C. (internally connected) pin must be opened for use.
11. Notes on Energization
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during energization at 50
µs or more (0.2 V to 2.7 V).
12. Use of the sub-clock
Use the one clock system parts when the sub-clock is not used. Connected the oscillator under 32 kHz to the
both terminals XA0 and X1A for the two clocks system parts. Pull-down the terminal X0A and leave the terminal
X0A open for the one clock system parts.
VCC
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
MB90580C
Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com