Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 79 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 79 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 75Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 76Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
MB90580C Series
79
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS
= AVSS = 0.0 V)
*1 : Care must be taken that AVCC, AVRH, AVRL, DVCC do not exceed VCC.
Also, care must be taken that AVRH, AVRL do not exceed AVCC, and AVRL does not exceed AVRH.
*2 : VI and VO shall never exceed VCC + 0.3 V.
*3 : The maximum output current is a peak value for a corresponding pin.
*4 :
• Aplicable to pins : P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P60 to P65, P71 to P74, P80
to P87, P90 to P97, PA0 to PA2, RX
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied with a limiting resistance placed between the +B signal and the
microcontroller.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ AVCC *1
AVRH, AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/L, AVRH ≥ AVRL
DVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ DVCC
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
*4
Total maximum clamp current
Σ | ICLAMP |
20
mA
*4
“L” level maximum output
current
IOL
15
mA
*3
“L” level average output
current
IOLAV
4mA
Average output current = operating
current
× operating efficiency
“L” level total maximum
output current
ΣIOL
100
mA
“L” level total average output
current
ΣIOLAV
50
mA
Average output current = operating
current
× operating efficiency
“H” level maximum output
current
IOH
−15
mA
*3
“H” level average output
current
IOHAV
−4mA
Average output current = operating
current
× operating efficiency
“H” level total maximum
output current
ΣIOH
−100
mA
“H” level total average output
current
ΣIOHAV
−50
mA
Average output current = operating
current
× operating efficiency
Power consumption
PD
300
mW
Operating temperature
TA
−40
+85
°C
Storage temperature
Tstg
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com