Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 19Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 20Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 21Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 22Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 23Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 24Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 25Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
MB90580C Series
23
s BLOCK DIAGRAM
X0, X1
X0A, X1A
RST
HST
6
8
3
3
8
8
3
P00 to P07/
AD00 to AD07
P10 to P17/
AD08 to AD15
P20 to P27/
A16 to A23
P30/ALE
P31/RD
P32/WRL
P33/WRH
P34/HRQ
P35/HAK
P36/RDY
P37/CLK
P47
SIN0, SOT0, SCK0/
P40 to P42
3
8
8
SIN1, SOT1, SCK1/
P43 to P45
P90 to P92/
TIN0 to TIN2/
IN0 to IN2
2
P94, P95/
TOT1, TOT2/
OUT0, OUT1
2
2
P63, P64/
PPG1, PPG0
3
SIN2, SOT2,
SCK2/
P60 to P62
8
P80 to P87/
IRQ0 to IRQ7
2
P71, P72
2
P73, P74
/DA00, DA01
P93/
TOT0/
IN3
PA0 to PA2
P96/PWC
P97/POT
P65/CKOT
DVRH
DVSS
ADTG / P46
AVCC
AVRH, AVRL
AVSS
SIN3, SOT3, SCK3/
P50 to P52/
AN0 to AN2
P53/AN3, P57/AN7
SIN4, SOT4, SCK4/
P54 to P56/
AN4 to AN6
TX
RX
ROM
UART
× 2 ch
UART
× 1 ch
8
/ 16 PPG × 1 ch
UART
× 2 ch
RAM
*
Other pins
MD2 to MD0
C,VCC,VSS
3
3
2
Clock control
circuit
CMOS I/O port 0
CMOS I/O port 1
CMOS I/O port 2
CMOS I/O port 3
Prescaler
× 2 ch
A/D converter
(8/10 bit)
Interrupt controller
CMOS I/O port A
CMOS I/O port 9
CMOS I/O port 8
CMOS I/O port 7
External interrupt
D/A converter
(8 bit)
× 2 ch
Evaluation device (MB90V580B)
This chip has no internal ROM.
Internal RAM is 6 Kbytes.
Internal resources are common.
The package is PGA-256C-A02.
IEBusTM controller
Prescaler
× 2 ch
CMOS I/O port 6
CMOS I/O port 5
I/O timer
16 bit ICU
× 4 ch
16 bit OCU
× 2 ch
16 bit free run timer
16 bit reload
timer
× 3 ch
Noise filter
PWC timer
16 bit
× 1 ch
Prescaler
× 1 ch
P00 to 07 (8 channels): Provided with a register available as an input pull-up resistor.
P10 to 17(8 channels): Provided with a register available as an input pull-up resistor.
P60 to 65(6 channels): Provided with a register available as an input pull-up resistor.
P40 to 47 (8 channels): Provided with a register available as an open drain.
*: The MB90587C/CA has no IEBusTM controller. The TX and RX pins are N.C. pins.
Clock monitor
CPU Core of
F2MC-16LX family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com