Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 101 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM67 Datasheet HTML 97Page - Texas Instruments AM67 Datasheet HTML 98Page - Texas Instruments AM67 Datasheet HTML 99Page - Texas Instruments AM67 Datasheet HTML 100Page - Texas Instruments AM67 Datasheet HTML 101Page - Texas Instruments AM67 Datasheet HTML 102Page - Texas Instruments AM67 Datasheet HTML 103Page - Texas Instruments AM67 Datasheet HTML 104Page - Texas Instruments AM67 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 237 page
background image
6.9.2.2.2 Power-Down Sequencing
Table 6-5 and Figure 6-6 describes the device power-down sequencing.
Note
The power supply sequencing requirements defined in this section does not include entry or exit
from low power modes. See the Partial IO Power Sequencing section for more information on the
requirements for entering or exiting from Partial IO low power mode.
Note
All power rails must be turned off and decay below 300mV before initiating a new power-up
sequence anytime a power rail drops below the minimum value defined in Recommended
Operating Conditions. The only exception is when entering/exiting Partial IO low power mode with
VDDSHV_CANUART and VDD_CANUART sourced from an always on power source. For this use
case the VDDSHV_CANUART and VDD_CANUART power rails are allowed to remain on.
Table 6-5. Power-Down Sequencing – Supply / Signal Assignments
See: Figure 6-6
WAVEFORM
SUPPLY / SIGNAL NAME
A
VSYS, VMON_VSYS
B
VDDSHV_CANUART(1), VDDSHV_MCU(1), VDDSHV0(1), VDDSHV1(1), VDDSHV2(1), VDDSHV3(1), VDDA_3P3_USB,
VMON_3P3_SOC
C
VDDSHV_CANUART(2), VDDSHV_MCU(2), VDDSHV0(2), VDDSHV1(2), VDDSHV2(2), VDDSHV3(2), VDDS_MMC0,
VDDA_MCU, VDDS_OSC0, VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_CSI_DSI, VDDA_1P8_OLDI0,
VDDA_1P8_USB, VDDA_TEMP0, VDDA_TEMP1, VMON_1P8_SOC
D
VDDSHV5(3), VDDSHV6(3)
E
VDDS_DDR, VDDS_DDR_C
F
VDD_CANUART(4)
G
VDD_CANUART(5), VDD_CORE(5), VDDA_CORE_CSI_DSI(5), , VDDA_CORE_DSI_CLK(5), VDDA_CORE_USB0(5),
VDDA_DDR_PLL0(5)
H
VDD_CANUART(6), VDD_CORE(6), VDDA_CORE_CSI_DSI(6), , VDDA_CORE_DSI_CLK(6), VDDA_CORE_USB0(6),
VDDA_DDR_PLL0(6), VDDR_CORE, VDD_MMC0, VDDA_0P85_DLL_MMC0
I
VPP
J
MCU_PORz
K
MCU_OSC0_XI, MCU_OSC0_XO
(1)
VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-3] when operating at 3.3V.
(2)
VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-3] when operating at 1.8V.
(3)
VDDSHV5, and VDDSHV6 were designed to support power-up, power-down, or dynamic voltage change without any dependency on
other power rails. This capability is required to support UHS-I SD Cards.
(4)
VDD_CANUART when connected to an always-on power source for Partial IO low power mode.
(5)
VDD_CANUART, VDD_CORE, VDDA_CORE_CSI_DSI, VDDA_CORE_DSI_CLK, VDDA_CORE_USB0, and VDDA_DDR_PLL0
when operating at 0.75V
(6)
VDD_CANUART, VDD_CORE, VDDA_CORE_CSI_DSI, VDDA_CORE_DSI_CLK, VDDA_CORE_USB0, and VDDA_DDR_PLL0
when operating at 0.85V
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com