Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM67 Datasheet(PDF) 104 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM67 Datasheet HTML 100Page - Texas Instruments AM67 Datasheet HTML 101Page - Texas Instruments AM67 Datasheet HTML 102Page - Texas Instruments AM67 Datasheet HTML 103Page - Texas Instruments AM67 Datasheet HTML 104Page - Texas Instruments AM67 Datasheet HTML 105Page - Texas Instruments AM67 Datasheet HTML 106Page - Texas Instruments AM67 Datasheet HTML 107Page - Texas Instruments AM67 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 237 page
background image
6.9.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding subsections within Signal Descriptions and Detailed Description sections.
6.9.3.1 Reset Timing
Tables and figures provided in this section define timing conditions, timing requirements, and switching
characteristics for reset related signals.
Table 6-6. Reset Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
VDD(1) = 1.8V
0.0018
V/ns
VDD(1) = 3.3V
0.0033
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
30 pF
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
Table 6-7. MCU_PORz Timing Requirements
see Figure 6-7
NO.
PARAMETER
MIN
MAX UNIT
RST1
th(SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-up
after supplies valid (using external crystal circuit)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-up
after supplies valid and external clock stable (using
external LVCMOS clock source)
1200
ns
RST3
tw(MCU_PORzL)
Pulse Width, MCU_PORz low after Power-up
(without removal of Power or system reference
clock MCU_OSC0_XI/XO)
1200
ns
Figure 6-7. MCU_PORz Timing Requirements
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
104
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com