Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 4Page - STMicroelectronics SRIX4K_07 Datasheet HTML 5Page - STMicroelectronics SRIX4K_07 Datasheet HTML 6Page - STMicroelectronics SRIX4K_07 Datasheet HTML 7Page - STMicroelectronics SRIX4K_07 Datasheet HTML 8Page - STMicroelectronics SRIX4K_07 Datasheet HTML 9Page - STMicroelectronics SRIX4K_07 Datasheet HTML 10Page - STMicroelectronics SRIX4K_07 Datasheet HTML 11Page - STMicroelectronics SRIX4K_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Signal description
SRIX4K
8/50
The SRIX4K contactless EEPROM can be randomly read and written in block mode (each
block containing 32 bits). The instruction set includes the following ten commands:
●
READ_BLOCK
●
WRITE_BLOCK
●
INITIATE
●
PCALL16
●
SLOT_MARKER
●
SELECT
●
COMPLETION
●
RESET_TO_INVENTORY
●
AUTHENTICATE
●
GET_UID
The SRIX4K memory is organized in three areas, as described in Figure 3. The first area is
a resettable OTP (one time programmable) area in which bits can only be switched from 1 to
0. Using a special command, it is possible to erase all bits of this area to 1. The second area
provides two 32-bit binary counters which can only be decremented from FFFF FFFFh to
0000 0000h, and gives a capacity of 4,294,967,296 units per counter. The last area is the
EEPROM memory. It is accessible by block of 32 bits and includes an auto-erase cycle
during each WRITE_BLOCK command.
Figure 2.
Die floor plan
2
Signal description
2.0.1
AC1, AC0
The pads for the Antenna Coil. AC1 and AC0 must be directly bonded to the antenna.
AI09055
AC1
AC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com