Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 10Page - STMicroelectronics SRIX4K_07 Datasheet HTML 11Page - STMicroelectronics SRIX4K_07 Datasheet HTML 12Page - STMicroelectronics SRIX4K_07 Datasheet HTML 13Page - STMicroelectronics SRIX4K_07 Datasheet HTML 14Page - STMicroelectronics SRIX4K_07 Datasheet HTML 15Page - STMicroelectronics SRIX4K_07 Datasheet HTML 16Page - STMicroelectronics SRIX4K_07 Datasheet HTML 17Page - STMicroelectronics SRIX4K_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Memory mapping
SRIX4K
14/50
4
Memory mapping
The SRIX4K is organized as 128 blocks of 32 bits as shown in Figure 3. All blocks are
accessible by the READ_BLOCK command. Depending on the write access, they can be
updated by the WRITE_BLOCK command. A WRITE_BLOCK updates all the 32 bits of the
block.
Table 3.
SRIX4K memory mapping
Block
Addr
Msb32 bits BlockLsb
b31b24 b23b16 b15b8 b7b0
Description
0
32 bits Boolean Area
Resettable OTP
bits
1
32 bits Boolean Area
2
32 bits Boolean Area
3
32 bits Boolean Area
4
32 bits Boolean Area
5
32 bits binary counter
Count down
Counter
6
32 bits binary counter
7User Area
Lockable
EEPROM
8User Area
9User Area
10
User Area
11
User Area
12
User Area
13
User Area
14
User Area
15
User Area
16
User Area
EEPROM
...
User Area
127
User Area
255
OTP_Lock_Reg
ST Reserved
Fixed Chip_ID
(Option)
System OTP bits
UID0
64 bits UID Area
ROM
UID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com