Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 37 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 33Page - STMicroelectronics SRIX4K_07 Datasheet HTML 34Page - STMicroelectronics SRIX4K_07 Datasheet HTML 35Page - STMicroelectronics SRIX4K_07 Datasheet HTML 36Page - STMicroelectronics SRIX4K_07 Datasheet HTML 37Page - STMicroelectronics SRIX4K_07 Datasheet HTML 38Page - STMicroelectronics SRIX4K_07 Datasheet HTML 39Page - STMicroelectronics SRIX4K_07 Datasheet HTML 40Page - STMicroelectronics SRIX4K_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
SRIX4K
SRIX4K commands
37/50
Figure 46.
WRITE_BLOCK frame exchange between Reader and SRIX4K
9.9
GET_UID() command
Command Code = 0Bh
On receiving the GET_UID command, the SRIX4K returns its 8 UID Bytes. UID Bytes are
transmitted with the Least Significant Byte first, and each byte is transmitted with the least
significant bit first.
The SRIX4K must have received a SELECT() command and be switched to SELECTED
state before any GET_UID() command can be accepted. All GET_UID() commands sent to
the SRIX4K before a SELECT() command is issued, are ignored.
Figure 47.
GET_UID request format
Request parameter:
–
No parameter
Figure 48.
GET_UID response format
Response parameters:
–
UID 0: Less significant UID Byte
–
UID 1 to UID 6: UID Bytes
–
UID 7: Most significant UID Byte.
DATA
1
AI07688
DATA
2
DATA
3
DATA
4
Reader
SRIX4K
CRCL CRCH EOF
SOF
09h
ADDR
No Response
SOF
GET_UID
CRCL
CRCH
EOF
AI07693
0Bh
8 bits
8 bits
SOF
UID 1
CRCL
CRCH
EOF
AI07694
8 bits
UID 2
UID 3
UID 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
UID 0
UID 5
8 bIts
UID 6
8 bIts
8 bits
UID 7
8 bIts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com