Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 45 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 41Page - STMicroelectronics SRIX4K_07 Datasheet HTML 42Page - STMicroelectronics SRIX4K_07 Datasheet HTML 43Page - STMicroelectronics SRIX4K_07 Datasheet HTML 44Page - STMicroelectronics SRIX4K_07 Datasheet HTML 45Page - STMicroelectronics SRIX4K_07 Datasheet HTML 46Page - STMicroelectronics SRIX4K_07 Datasheet HTML 47Page - STMicroelectronics SRIX4K_07 Datasheet HTML 48Page - STMicroelectronics SRIX4K_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
SRIX4K
Part numbering
45/50
13
Part numbering
Note: Devices are shipped from the factory with the memory content bits erased to 1.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
Table 13.
Ordering information scheme
Example:
SRIX4K
–
W4
/XXX
Device type
SRIX4K
Package
W4 =180 µm ± 15 µm Unsawn Wafer
SBN18= 180 µm ± 15 µm Bumped and Sawn Wafer on 8-inch Frame
A3T = 38 mm x 38 mm Copper Antenna on Continuous Tape
A3S = 38 mm x 38 mm Copper Singulated Adhesive Antenna on Tape
A4T = 15 mm x 15 mm Copper Antenna on Continuous Tape
A4S = 15 mm x 15 mm Copper Singulated Adhesive Antenna on Tape
A5T = 42 mm x 65 mm Copper Antenna on Continuous Tape
A5S = 42 mm x 65 mm Copper Singulated Adhesive Antenna on Tape
Customer code
XXX = Given by STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com