Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 18 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 14Page - STMicroelectronics SRIX4K_07 Datasheet HTML 15Page - STMicroelectronics SRIX4K_07 Datasheet HTML 16Page - STMicroelectronics SRIX4K_07 Datasheet HTML 17Page - STMicroelectronics SRIX4K_07 Datasheet HTML 18Page - STMicroelectronics SRIX4K_07 Datasheet HTML 19Page - STMicroelectronics SRIX4K_07 Datasheet HTML 20Page - STMicroelectronics SRIX4K_07 Datasheet HTML 21Page - STMicroelectronics SRIX4K_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Memory mapping
SRIX4K
18/50
Figure 17.
EEPROM (addresses 7 to 127)
4.4
System area
This area is used to modify the settings of the SRIX4K. It contains 3 registers:
OTP_Lock_Reg, Fixed Chip_ID and ST Reserved. See Figure 18 for a map of this area.
A WRITE_BLOCK command in this area will not erase the previous contents. Selected bits
can thus be set from 1 to 0. All bits previously at 0 remain unchanged. Once all the 32 bits of
a block are at 0, the block is empty and cannot be updated any more.
Figure 18.
System area
Block
Address
MSb
b31
32-bit Block
b16 b15
b24 b23
b8 b7
LSb
b0
Description
Lockable
EEPROM
7
8
9
10
11
User Area
User Area
User Area
User Area
User Area
Ai07661B
13
14
15
16
...
User Area
User Area
User Area
User Area
User Area
12
127
User Area
User Area
EEPROM
Block
Address
255
MSb
b31
b24 b23
32-bit Block
b16 b15
b8 b7
b0
LSb
Description
OTP
OTP_Lock_Reg
ST Reserved
Fixed Chip_ID
(Option)
ai07663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com