Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638008S4S02LP9M Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 638008S4S02LP9M
Description  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M Datasheet(HTML) 3 Page - Ashcroft, Inc.

  638008S4S02LP9M Datasheet HTML 1Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 2Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 3Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 4Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
8008S Pressure Gauge
of 14
3
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Options (If choosing an option(s) must include an “X”)
AR - Adjustable red indicator and min/max drag pointer (63 mm dry gauge only)
BM - Black primary and secondary dial scales on white background
CR - Custom individual carton label information
RM - Black primary and red secondary dial scales on white background
WP - Omit restrictor
ZO - Bulk packaging
ZP - Customer part number and description on Ashcroft label
ZQ - Customer part number only (no Ashcroft®)
ZW - Customer part number and gauge description on label (no Ashcroft indentification)
B1 - Black protective boot (63 mm only, lower connect or center back connect only)
S2 - Safety pattern gauge without baffle wall; designed by S2 per EN837-1 (only available on 63 mm gauge having a polycarbonate window)
S3 - Safety pattern gauge with baffle wall, designed by S3 per EN837-1 (only available in 63 mm, 316 SS case/ring, lower or lower back
connection, poycarbonate or safety glass window)
99 - Serial number on dial
ML - Mass spectrometer leak test
R5 - Ammonia refrigerant dial (30IMV&150#, 30IMV&300#)
8N- NGV 3.1 Approval on dial
8R- R110 Approval on dial
D3 - DuraVis™ retroreflective dial
C4 - Traceable calibration certificate
NH - Metal tag
Process Connection Size Table
Connection Code
Process Connection
01
1
⁄8 NPT Male (63 mm only)
02
¼ NPT Male
04
½ NPT Male (100 mm only)
09
¼ High pressure, female (recommended for 20,000 psi, 100 mm only)
13
G¼ B Male
15
G½ B Male (100 mm only)
16
M20x1.5 (100 mm only)
41
M14x1.5 (63 mm only)
EJ
#4JIC (63 mm only)
KA
¼ BSPT
KD
½ BSPT (100 mm only)
JP
¼˝ Tube stub, male (not available on 15,000 psi or 20,000 psi)
JR
3
⁄8˝ Tube stub, male (not available on 15,000 psi or 20,000 psi)
JS
½˝ Tube stub, male (not available on 15,000 psi or 20,000 psi)
AW
SAE-4, J1453-1 9/16-18 (not available on 20,000 psi)
RW
SAE-4 7⁄16 -20 (63 mm only) (not available on 15,000 psi or 20,000 psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com