Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638008S4S02LP9M Datasheet(PDF) 10 Page - Ashcroft, Inc.

Part # 638008S4S02LP9M
Description  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M Datasheet(HTML) 10 Page - Ashcroft, Inc.

Back Button 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 11Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 12Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 13Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 14Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
of 14
8008S Pressure Gauge
10
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
63 mm lower back connect - front flange
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.36 [60.0]
02
¼ NPT
2.50 [63.4]
13
G¼ B
2.49 [63.3]
41
M14x1.5
2.53 [64.3]
EJ
JIC #4
2.44 [62.0]
JP
¼ Tube
2.60 [66.1]
JR
3
⁄8 Tube
2.73 [69.4]
JS
½ Tube
2.86 [72.7]
KA
¼ BSPT
2.42 [61.4]
RW
SAE 7⁄16-20
2.60 [66.1]
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
63 mm lower back connect - case mounted U-clamp
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.36 [60.0]
02
¼ NPT
2.50 [63.4]
13
G¼ B
2.49 [63.3]
41
M14x1.5
2.53 [64.3]
EJ
JIC #4
2.44 [62.0]
JP
¼ Tube
2.60 [66.1]
JR
3
⁄8 Tube
2.73 [69.4]
JS
½ Tube
2.86 [72.7]
KA
¼ BSPT
2.42 [61.4]
RW
SAE 7⁄16-20
2.60 [66.1]
Threaded Studs & Lock
Nuts Included (2X)
Recommended Panel Hole Size
MIN: 2.48in [63.0mm]
MAX: 2.56in [65.0mm]
(Depth)
Process
Connection
[73.3mm]
2.88in
[68.5mm]
Ø 2.70in
[57.2mm]
Ø 2.25in
[62.2mm]
Ø 2.45in
[20.3mm]
0.80in
[1.7mm]
0.07in
[28.4mm]
1.12in
[49.2mm]
1.94in
[11.2mm]
0.44in
[32.0mm]
1.26in
[7.4mm]
0.29in
[11.0mm]
0.44in
(Wrench Flats)
63 mm lower back connect - front flange, case mounted U-clamp
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.36 [60.0]
02
¼ NPT
2.50 [63.4]
13
G¼ B
2.49 [63.3]
41
M14x1.5
2.53 [64.3]
EJ
JIC #4
2.44 [62.0]
JP
¼ Tube
2.60 [66.1]
JR
3
⁄8 Tube
2.73 [69.4]
JS
½ Tube
2.86 [72.7]
KA
¼ BSPT
2.42 [61.4]
RW
SAE 7⁄16-20
2.60 [66.1]
Recommended Panel Hole Size
MIN: 2.56in [65.0mm]
MAX: 2.70in [68.0mm]
(Depth)
Process Connection
[77.9mm]
Ø 3.07in
[74.5mm]
2.93in
[68.5mm]
Ø 2.70in
[87.0mm]
Ø 3.43in
[57.2mm]
Ø 2.25in
[62.2mm]
Ø 2.45in
[7.4mm]
0.29in
[73.3mm]
2.88in
[49.2mm]
1.94in
[28.4mm]
1.12in
[1.7mm]
0.07in
[11.2mm]
0.44in
[32.0mm]
1.26in
[20.3mm]
0.80in
[11.0mm]
0.44in
(Wrench Flats)
3X
[4.5mm]
Ø 0.18in
120° TYP.
Threaded Studs & Lock
Nuts Included (2X)
63 mm lower back connect
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.36 [60.0]
02
¼ NPT
2.50 [63.4]
13
G¼ B
2.49 [63.3]
41
M14x1.5
2.53 [64.3]
EJ
JIC #4
2.44 [62.0]
JP
¼ Tube
2.60 [66.1]
JR
3
⁄8 Tube
2.73 [69.4]
JS
½ Tube
2.86 [72.7]
KA
¼ BSPT
2.42 [61.4]
RW
SAE 7⁄16-20
2.60 [66.1]
(Depth)
Process
Connection
[68.5mm]
Ø 2.70in
[57.2mm]
Ø 2.25in
[62.2mm]
Ø 2.45in
[6.6mm]
0.26in
[11.2mm]
0.44in
[32.0mm]
1.26in
[1.7mm]
0.07in
[20.3mm]
0.80in
[11.0mm]
0.44in
(Wrench Flats)
Recommended Panel Hole Size
MIN: 2.56in [65.0mm]
MAX: 2.70in [68.0mm]
(Depth)
Process
Connection
[32.0mm]
1.26in
[7.4mm]
Ø 0.29in
[62.2mm]
Ø 2.45in
[87.0mm]
Ø 3.43in
[68.5mm]
Ø 2.70in
[77.9mm]
Ø 3.07in
[74.5mm]
Ø 2.93in
[57.2mm]
Ø 2.25in
[1.7mm]
0.07in
[20.3mm]
0.80in
[11.2mm]
0.44in
[11.0mm]
0.44in
(Wrench Flats)
3X
[4.5mm]
Ø 0.18in
120° TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com