Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638008S4S02LP9M Datasheet(PDF) 9 Page - Ashcroft, Inc.

Part # 638008S4S02LP9M
Description  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M Datasheet(HTML) 9 Page - Ashcroft, Inc.

Back Button 638008S4S02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 11Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 12Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 13Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
8008S Pressure Gauge
of 14
9
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
100 mm center back connect - rear flange
Connection Code
Process Connection
Depth
02
¼ NPT
3.13 [79.5]
04
½ NPT
3.13 [79.5]
09
¼ HP Female
3.13 [79.5]
13
G¼ B
3.13 [79.5]
15
G½ B
3.26 [82.8]
16
M20x1.5
3.26 [82.8]
JP
¼ Tube
3.13 [79.5]
JR
3
⁄8 BSPT
3.25 [82.6]
JS
½ Tube
3.38 [85.9]
KA
¼ BSPT or R ¼
3.13 [79.5]
Depth
[105.3mm]
Ø 4.15in
[132.0mm]
Ø 5.20in
[15.8mm]
0.62in
Wrench Flats
Process
Connection
[116.0mm]
Ø 4.57in
[99.1mm]
Ø 3.90in
120° TYP.
[95.0mm]
Ø 3.74in
[51.1mm]
2.01in
[21.4mm]
0.84in
[7.6mm]
0.30in
3X [5.6mm]
0.22in
63 mm lower connect
Connection Code
Process Connection
Height
01
1
⁄8 NPT
3.68 [93.5]
02
¼ NPT
3.81 [96.8]
13
G¼ B
3.81 [96.8]
41
M14x1.5
3.85 [97.8]
EJ
JIC #4
3.75 [95.3]
JP
¼ Tube
3.92 [99.6]
JR
3
⁄8 Tube
4.05 [102.9]
JS
½ Tube
4.18 [106.2]
KA
¼ BSPT
3.73 [94.7]
RW
SAE 7⁄16-20
3.93 [99.6]
(Height)
Process
Connection
[68.5mm]
Ø 2.70in
[57.2mm]
Ø 2.25in
[62.2mm]
Ø 2.45in
[6.6mm]
0.26in
[1.7mm]
0.07in
[11.2mm]
0.44in
[32.0mm]
1.26in
[10.6mm]
0.42in
[11.0mm]
0.44in
(Wrench Flats)
63 mm lower connect - rear flange
Connection Code
Process Connection
Height
01
1
⁄8 NPT
3.68 [93.5]
02
¼ NPT
3.81 [96.8]
13
G¼ B
3.81 [96.8]
41
M14x1.5
3.85 [97.8]
EJ
JIC #4
3.75 [95.3]
JP
¼ Tube
3.92 [99.6]
JR
3
⁄8 Tube
4.05 [102.9]
JS
½ Tube
4.18 [106.2]
KA
¼ BSPT
3.73 [94.7]
RW
SAE 7⁄16-20
3.93 [99.6]
(Height)
Process
Connection
[57.2mm]
Ø 2.25in
[68.5mm]
Ø 2.70in
[100.6mm]
Ø 3.96in
[79.5mm]
Ø 3.13in
3X
[4.1mm]
Ø 0.16in
[18.8mm]
0.74in
[39.6mm]
1.56in
[18.2mm]
0.72in
[6.6mm]
0.26in
[11.0mm]
0.44in
(Wrench Flats)
120° TYP.
63 mm lower connect - protective boot
Connection Code
Process Connection
Height
01
1
⁄8 NPT
3.75 [95.3]
02
¼ NPT
3.88 [98.6]
13
G¼ B
3.88 [98.6]
41
M14x1.5
3.92 [99.6]
EJ
JIC #4
3.82 [97.0]
JP
¼ Tube
3.99 [101.3]
JR
3
⁄8 Tube
4.12 [104.6]
JS
½ Tube
4.25 [108.0]
KA
¼ BSPT
3.80 [96.5]
RW
SAE 7⁄16-20
3.99 [101.3]
(Height)
Process
Connection
[57.2mm]
Ø 2.25in
[71.8mm]
Ø 2.83in
[16.8mm]
0.66in
[42.9mm]
1.69in
[16.2mm]
0.64in
[11.0mm]
0.44in
(Wrench Flats)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com