Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638008S4S02LP9M Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 638008S4S02LP9M
Description  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M Datasheet(HTML) 4 Page - Ashcroft, Inc.

  638008S4S02LP9M Datasheet HTML 1Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 2Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 3Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 4Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
of 14
8008S Pressure Gauge
4
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
TABLE 1 - COMMERCIAL GAUGE RANGES
psi
bar
kPa
Mpa
kg/cm2
NOTES
30IMV
-1BR
-100KP
-.1MP
-1KSC
–
-1&.6BR
-100&60KP
-.1&.06MP
-1&.6KSC
V&15#
–
–
–
–
-1&1.5BR
-100&150KP
-.1&.15MP
-1&1.5KSC
V&30#
–
–
–
–
–
-1&3BR
-100&300KP
-.1&.3MP
-1&3KSC
V&60#
–
–
–
–
–
-1&5BR
-100&500KP
-.1&.5MP
-1&5KSC
V&100#
–
–
–
–
V&150#
–
–
–
–
V&300#
–
–
–
–
–
-1&9BR
-100&900KP
-.1&.9MP
-1&9KSC
15#
1BR
100KP
.1MP
1KSC
20#
–
–
–
–
–
1.6BR
160KP
.16MP
1.6KSC
30#
–
–
–
–
–
2.5BR
250KP
.25MP
2.5KSC
60#
4BR
400KP
.4MP
4KSC
–
6BR
600KP
.6MP
6KSC
100#
–
–
–
–
120#
–
–
–
–
–
10BR
1000KP
1MP
10KSC
160#
–
–
–
–
200#
–
–
–
–
–
16BR
1600KP
1.6MP
16KSC
300#
–
–
–
–
–
25BR
2500KP
2.5MP
25KSC
400#
–
–
–
–
500#
–
–
–
–
600#
40BR
4000KP
4MP
40KSC
–
60BR
6000KP
6MP
60KSC
1000#
–
–
–
–
1500#
100BR
10000KP
10MP
100KSC
2000#
–
–
–
–
–
160BR
16000KP
16MP
160KSC
3000#
–
–
–
–
–
250BR
25000KP
25MP
250KSC
4000#
–
–
–
–
5000#
–
–
–
–
6000#
400BR
40000KP
40MP
400KSC
7500#
–
–
–
–
–
600BR
60000KP
60MP
600KSC
10000#
–
–
–
–
15000#
1000BR
100000KP
100MP
1000KSC
Only available with ±1.6% of span accuracy.
20000#
–
–
–
–
Only available with ±1.6% of span accuracy.
This range is not CRN registered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com