Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638008S4S02LP9M Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 638008S4S02LP9M
Description  8008S Pressure Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638008S4S02LP9M Datasheet(HTML) 1 Page - Ashcroft, Inc.

  638008S4S02LP9M Datasheet HTML 1Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 2Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 3Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 4Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638008S4S02LP9M Datasheet HTML 9Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
of 14
8008S Pressure Gauge
1
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 8008S_ds_RevH_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
„ Meets EN837-1 and ASME B40.100 specifications
„ Corrosion resistant all stainless steel case gauge
„ R110 & NGV 3.1 Approvals
„ FlutterGuard™ standard on dry gauges
„ Custom dials available
„ Accessory kits for easy panel mounting
„ Designed to meet MSL Helium leak test of 1x10-6scc/s
„ Optional solid front design (XS3)
TYPICAL USES
„ Hydraulic systems
„ Food and beverage
„ Compressors and pumps
„ Irrigation equipment
„ Refrigerant applications
„ Compressed and liquid natural gas applications
„ Hydrogen cell, H2 gas applications and liquid
natural gas applications
KEY BENEFITS
•Corrosion resistant
•Economical all stainless steel gauge
•Customizable for new applications
•Available in a variety of connections and ranges
•Enhanced safety with optional solid front design (XS3)
WETTED COMPONENTS
Bourdon Tube
Process Connection
Restrictor
316 SS Laser Welded
316 SS Laser Welded
SS (0.013˝ orifice)
NON-WETTED COMPONENTS
Case
Window
Ring
304 SS, open front (STD.)
Polycarbonate, glass,
or safety glass
304 SS, crimped
(STD.)
316 SS, open front (OPT.)
Polycarbonate, glass,
or safety glass
316 SS, crimped
(OPT.)
316 SS, solid front
(XS3 OPT.)
Polycarbonate
or safety glass
316 SS, crimped
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
Dry with
Flutter-
Guard™
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 250 °F
(-40 °C to 121 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
Glycerin
Fill
20 °F to 158 °F
(-7 °C to 70 °C)
-4 °F to 212 °F
(-20 °C to 100 °C)
-40 °F to 158 °F
(-40 °C to 70 °C)
Silicone
Fill
-40 °F to 158 °F
(-40 °C to 70 °C)
-40 °F to 212 °F
(-40 °C to 100 °C)
-40 °F to 158 °F
(-40 °C to 70 °C)
SPECIFICATIONS
Accuracy: 63 mm:
±1.6% of span per EN837-1
±1% of span per EN837-1 (thru 10,000 psi)
±2-1-2% of span ASME B40.100 (thru 10,000 psi)
100 mm:
±1% of span per EN837-1 (thru 10,000 psi)
Dial Sizes:
63 mm (2½˝); 100 mm (4˝)
Ranges:
Vacuum, compound, 15 to 20,000 psi, bar, kPa,
MPa, kg/cm2, (available in single or dual scale)
Working Pressure:
Steady: 75% full-scale value
Fluctuating: 80% full-scale value
Short Time: full-scale value
Over Pressure/
Proof Pressure:
≤100 bar ranges:
125% of maximum scale value
>100 to ≤600 bar ranges:
115% of maximum scale value
>600 to ≤1400 bar ranges:
110% of maximum scale value
Process Connection
Location:
63 mm: Lower, center back or lower back
100 mm: Lower, center back or lower back
Process Connection
Sizes:
63 mm: 1⁄8 NPT, ¼ NPT, G¼ B, ¼ BSPT, SAE-4 7⁄16-
20, M14x1.5, #4JIC, ¼Tube stub male,
3
⁄8 Tube stub male, ½ Tube stub male
100 mm: ¼ NPT, ½ NPT, G¼ B, G½ B,
M14x1.5, M20x1.5, ¼ BSPT, ½ BSPT,
¼ Tube stub male, 3⁄8 Tube stub male, ½
Tube stub male, ¼ High pressure female
Dial:
Black figures on white background (blue
secondary scale for dual scale dials); aluminum
Pointer:
Black, aluminum
Movement:
316 Stainless steel
Dampening:
FlutterGuard™, Glycerin fill, Silicone fill
Temperature Effects:
±0.04% of span per °C change; reference temp. 20 °C
±0.4% of span per 18 °F change; reference temp.68 °F
Approvals:
CE/UKCA, RoHS (EU Directives 2011/65/EU and
2015/863); PED (2014/68/EU); CRN (15,000 &
20,000 psi not included); R110; NGV 3.1 IP66
rating; NEMA 4X for water and dust ingress
8008S
63 mm
8008S
100 mm
CSA/ANSI NGV 3.1:20
PXX
E 4 110R-040565“L”


Similar Part No. - 638008S4S02LP9M

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
638008A4F01BP ASHCROFT-638008A4F01BP Datasheet
2Mb / 10P
8008A Commercial Pressure Gauge
RevN_10-20-22
638008A4F01BR ASHCROFT-638008A4F01BR Datasheet
2Mb / 10P
8008A Commercial Pressure Gauge
RevN_10-20-22
638008A4F01BS ASHCROFT-638008A4F01BS Datasheet
2Mb / 10P
8008A Commercial Pressure Gauge
RevN_10-20-22
638008A4F01CP ASHCROFT-638008A4F01CP Datasheet
2Mb / 10P
8008A Commercial Pressure Gauge
RevN_10-20-22
638008A4F01CR ASHCROFT-638008A4F01CR Datasheet
2Mb / 10P
8008A Commercial Pressure Gauge
RevN_10-20-22
More results

Similar Description - 638008S4S02LP9M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com