Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5815PWPR Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS5815PWPR
Description  TAS5815 30-W, Digital Input, Stereo, Closed-loop Class-D Audio Amplifier with 96 kHz Enhanced Processing
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5815PWPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS5815PWPR Datasheet HTML 58Page - Texas Instruments TAS5815PWPR Datasheet HTML 59Page - Texas Instruments TAS5815PWPR Datasheet HTML 60Page - Texas Instruments TAS5815PWPR Datasheet HTML 61Page - Texas Instruments TAS5815PWPR Datasheet HTML 62Page - Texas Instruments TAS5815PWPR Datasheet HTML 63Page - Texas Instruments TAS5815PWPR Datasheet HTML 64Page - Texas Instruments TAS5815PWPR Datasheet HTML 65Page - Texas Instruments TAS5815PWPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
8.1.10 SAP_CTRL2 Register (Offset = 34h) [Reset = 00h]
SAP_CTRL2 is shown in Figure 8-10 and described in Table 8-12.
Return to the Summary Table.
I2S control 2
Figure 8-10. SAP_CTRL2 Register
7
6
5
4
3
2
1
0
SHIFT_LSB
R/W-0h
Table 8-12. SAP_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
SHIFT_LSB
R/W
0h
I2S Shift LSB
These bits control the offset of audio data in the audio frame for both
input and output. The offset is defined as the number of BCLK from
the starting (MSB) of audio frame to the starting of the desired audio
sample.
8'b00000000: offset = 0 BCLK (no offset)
8'b00000001: ofsset = 1 BCLK
8'b00000010: offset = 2 BCLKs
…
8'b11111111: offset = 512 BCLKs
TAS5815
SLOSEA8 – DECEMBER 2024
www.ti.com
62
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS5815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com