Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4APE4 Datasheet(PDF) 32 Page - Texas Instruments

Part # TDA4APE4
Description  TDA4VPE-Q1, TDA4APE-Q1 Jacinto™ Automotive Processors
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4APE4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TDA4APE4 Datasheet HTML 28Page - Texas Instruments TDA4APE4 Datasheet HTML 29Page - Texas Instruments TDA4APE4 Datasheet HTML 30Page - Texas Instruments TDA4APE4 Datasheet HTML 31Page - Texas Instruments TDA4APE4 Datasheet HTML 32Page - Texas Instruments TDA4APE4 Datasheet HTML 33Page - Texas Instruments TDA4APE4 Datasheet HTML 34Page - Texas Instruments TDA4APE4 Datasheet HTML 35Page - Texas Instruments TDA4APE4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 272 page
background image
Table 5-1. Pin Attributes (AND Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [16]
PADCONFIG Address [17]
SIGNAL NAME [3]
MUX
MODE
[4]
VPE4
APE4
[5]
TYPE
[6]
DSIS
[7]
BALL STATE
DURING
RESET
(RX/TX/PULL) [8]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [9]
MUX
MODE
AFTER
RESET
[10]
I/O
OPERATING
VOLTAGE [11]
POWER [12]
HYS
[13]
BUFFER
TYPE [14]
PULL
UP/DOWN
TYPE [15]
H30
MCASP0_AXR5
PADCONFIG
PADCONFIG_33
0x0011C084
MCAN4_TX
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP0_AXR5
1
IO
0
VOUT0_DE
2
O
MCASP1_ACLKR
3
IO
0
VOUT0_VP0_DE
4
O
VOUT0_VP2_DE
5
O
GPMC0_CSn0
6
O
GPIO0_33
7
IO
pad
SPI6_CS3
8
IO
1
EHRPWM5_A
9
IO
0
TRC_DATA19
10
O
I2C4_SCL
13
IOD
1
K33
MCASP0_AXR6
PADCONFIG
PADCONFIG_34
0x0011C088
MCAN4_RX
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP0_AXR6
1
IO
0
VOUT0_VSYNC
2
O
MCASP1_AFSR
3
IO
0
VOUT0_VP0_VSYNC
4
O
VOUT0_VP2_VSYNC
5
O
GPMC0_CLKOUT
6
O
GPIO0_34
7
IO
pad
SPI3_CS2
8
IO
1
EHRPWM_TZn_IN4
9
I
0
TRC_DATA20
10
O
SPI5_D1
11
IO
0
GPMC0_FCLK_MUX
12
O
M31
MCASP0_AXR7
PADCONFIG
PADCONFIG_35
0x0011C08C
MCAN5_TX
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP0_AXR7
1
IO
0
MCASP4_ACLKR
3
IO
0
GPMC0_A0
5
OZ
RGMII1_TD0
6
O
GPIO0_35
7
IO
pad
GPMC0_A14
8
OZ
EHRPWM3_A
9
IO
0
UART4_RXD
11
I
1
GPMC0_CSn2
12
O
USB0_DRVVBUS
14
O
TDA4VPE-Q1, TDA4APE-Q1
SPRSPB4A – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VPE-Q1 TDA4APE-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com