Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4APE4 Datasheet(PDF) 86 Page - Texas Instruments

Part # TDA4APE4
Description  TDA4VPE-Q1, TDA4APE-Q1 Jacinto™ Automotive Processors
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4APE4 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA4APE4 Datasheet HTML 82Page - Texas Instruments TDA4APE4 Datasheet HTML 83Page - Texas Instruments TDA4APE4 Datasheet HTML 84Page - Texas Instruments TDA4APE4 Datasheet HTML 85Page - Texas Instruments TDA4APE4 Datasheet HTML 86Page - Texas Instruments TDA4APE4 Datasheet HTML 87Page - Texas Instruments TDA4APE4 Datasheet HTML 88Page - Texas Instruments TDA4APE4 Datasheet HTML 89Page - Texas Instruments TDA4APE4 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 272 page
background image
Table 5-34. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AND PIN [4]
WKUP_GPIO0_79
I
General Purpose Input/Output
C32
WKUP_GPIO0_80
I
General Purpose Input/Output
B33
WKUP_GPIO0_81
I
General Purpose Input/Output
B31
WKUP_GPIO0_82
I
General Purpose Input/Output
B29
WKUP_GPIO0_83
I
General Purpose Input/Output
D31
WKUP_GPIO0_84
I
General Purpose Input/Output
A32
WKUP_GPIO0_85
I
General Purpose Input/Output
A30
WKUP_GPIO0_86
I
General Purpose Input/Output
C28
WKUP_GPIO0_87
IO
General Purpose Input/Output
A21
WKUP_GPIO0_88
IO
General Purpose Input/Output
B16
5.3.14 GPMC
5.3.14.1 MAIN Domain
Table 5-35. GPMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AND PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch
Enable
H33
GPMC0_CLK
IO
GPMC clock
P29
GPMC0_CLKOUT
O
GPMC clock generated for external synchronization
K33
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
F33, G28
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
J32
GPMC0_WEn
O
GPMC Write Enable (active low)
T30
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
H33
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
M31
GPMC0_A1
OZ
GPMC Address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
N30
GPMC0_A2
OZ
GPMC Address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
T33
GPMC0_A3
OZ
GPMC Address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
L32
GPMC0_A4
OZ
GPMC Address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
P30
GPMC0_A5
OZ
GPMC Address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
M32
GPMC0_A6
OZ
GPMC Address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
L33
GPMC0_A7
OZ
GPMC Address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
U31
GPMC0_A8
OZ
GPMC Address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
M33
GPMC0_A9
OZ
GPMC Address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
P31
GPMC0_A10
OZ
GPMC Address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
N31
GPMC0_A11
OZ
GPMC Address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
U32
TDA4VPE-Q1, TDA4APE-Q1
SPRSPB4A – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
86
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VPE-Q1 TDA4APE-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com