| Electronic Components Datasheet Search |
|
TDA4APE4 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4APE4 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 272 page ![]() Table 5-6. MCU_CPSW2G0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AND PIN [4] MCU_RGMII1_TX_CTL O RGMII Transmit Control B14 MCU_RGMII1_RD0 I RGMII Receive Data 0 E13 MCU_RGMII1_RD1 I RGMII Receive Data 1 D14 MCU_RGMII1_RD2 I RGMII Receive Data 2 D12 MCU_RGMII1_RD3 I RGMII Receive Data 3 D13 MCU_RGMII1_TD0 O RGMII Transmit Data 0 B13 MCU_RGMII1_TD1 O RGMII Transmit Data 1 A13 MCU_RGMII1_TD2 O RGMII Transmit Data 2 B12 MCU_RGMII1_TD3 O RGMII Transmit Data 3 A12 MCU_RMII1_CRS_DV I RMII Carrier Sense / Data Valid B14 MCU_RMII1_REF_CLK I RMII Reference Clock C14 MCU_RMII1_RX_ER I RMII Receive Data Error C12 MCU_RMII1_TX_EN O RMII Transmit Enable A14 MCU_RMII1_RXD0 I RMII Receive Data 0 E13 MCU_RMII1_RXD1 I RMII Receive Data 1 D14 MCU_RMII1_TXD0 O RMII Transmit Data 0 B13 MCU_RMII1_TXD1 O RMII Transmit Data 1 A13 5.3.3 CPTS 5.3.3.1 MAIN Domain Table 5-7. CPTS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AND PIN [4] CPTS0_RFT_CLK I CPTS Reference Clock L31 CPTS0_TS_COMP O CPTS Time Stamp Counter Compare Y32 CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit E30 CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 L31 CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 J33 5.3.3.2 MCU Domain Table 5-8. MCU_CPTS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AND PIN [4] MCU_CPTS0_RFT_CLK I CPTS Reference Clock A20, B18 MCU_CPTS0_TS_COMP O CPTS Time Stamp Counter Compare A15 MCU_CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit B19 MCU_CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 B15 MCU_CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 B17 5.3.4 CSI 5.3.4.1 MAIN Domain Table 5-9. CSI0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AND PIN [4] CSI0_RXCLKN I CSI Differential Receive Clock Input (negative) AH33 TDA4VPE-Q1, TDA4APE-Q1 SPRSPB4A – JUNE 2024 – REVISED DECEMBER 2024 www.ti.com 72 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VPE-Q1 TDA4APE-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |