Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4APE4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TDA4APE4
Description  TDA4VPE-Q1, TDA4APE-Q1 Jacinto™ Automotive Processors
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4APE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDA4APE4 Datasheet HTML 9Page - Texas Instruments TDA4APE4 Datasheet HTML 10Page - Texas Instruments TDA4APE4 Datasheet HTML 11Page - Texas Instruments TDA4APE4 Datasheet HTML 12Page - Texas Instruments TDA4APE4 Datasheet HTML 13Page - Texas Instruments TDA4APE4 Datasheet HTML 14Page - Texas Instruments TDA4APE4 Datasheet HTML 15Page - Texas Instruments TDA4APE4 Datasheet HTML 16Page - Texas Instruments TDA4APE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 272 page
background image
Table 5-1. Pin Attributes (AND Package)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [16]
PADCONFIG Address [17]
SIGNAL NAME [3]
MUX
MODE
[4]
VPE4
APE4
[5]
TYPE
[6]
DSIS
[7]
BALL STATE
DURING
RESET
(RX/TX/PULL) [8]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [9]
MUX
MODE
AFTER
RESET
[10]
I/O
OPERATING
VOLTAGE [11]
POWER [12]
HYS
[13]
BUFFER
TYPE [14]
PULL
UP/DOWN
TYPE [15]
T27
CAP_VDDS0
CAP_VDDS0
CAP
J25
CAP_VDDS0_MCU
CAP_VDDS0_MCU
CAP
J23
CAP_VDDS1_MCU
CAP_VDDS1_MCU
CAP
P27
CAP_VDDS2
CAP_VDDS2
CAP
J24
CAP_VDDS2_MCU
CAP_VDDS2_MCU
CAP
M27
CAP_VDDS5
CAP_VDDS5
CAP
AH33
CSI0_RXCLKN
CSI0_RXCLKN
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AH32
CSI0_RXCLKP
CSI0_RXCLKP
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AH31
CSI0_RXRCALIB
CSI0_RXRCALIB
A
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AE29
CSI1_RXCLKN
CSI1_RXCLKN
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AF29
CSI1_RXCLKP
CSI1_RXCLKP
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AJ33
CSI1_RXRCALIB
CSI1_RXRCALIB
A
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AC29
CSI2_RXCLKN
CSI2_RXCLKN
I
1.8 V
VDDA_0P8_CSIRX2 /
VDDA_1P8_CSIRX2
D-PHY
AB29
CSI2_RXCLKP
CSI2_RXCLKP
I
1.8 V
VDDA_0P8_CSIRX2 /
VDDA_1P8_CSIRX2
D-PHY
AH29
CSI2_RXRCALIB
CSI2_RXRCALIB
A
1.8 V
VDDA_0P8_CSIRX2 /
VDDA_1P8_CSIRX2
D-PHY
AL32
CSI0_RXN0
CSI0_RXN0
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AM31
CSI0_RXN1
CSI0_RXN1
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
AN30
CSI0_RXN2
CSI0_RXN2
I
1.8 V
VDDA_0P8_CSIRX0_
1 /
VDDA_1P8_CSIRX0_
1
D-PHY
www.ti.com
TDA4VPE-Q1, TDA4APE-Q1
SPRSPB4A – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDA4VPE-Q1 TDA4APE-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com