Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
ã 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
The first term is the DC voltage across C
o at time
t=0. The second term is the voltage variation caused
by the charge balance between the load and the
converter output. The third term is voltage ripple
due to ESL and the fourth term is the voltage ripple
due to ESR. The total output voltage ripple is then a
vector sum of the last three terms.
Since the inductor current is a triangular waveform
with peak-to-peak value G *Io, the ripple-voltage
caused by inductor current ripples is

I
&

,
Y
V
R
R
&
G
|
'
the ripple-voltage due to ESL is
The voltage rating of aluminum capacitors should be
at least 1.5V
o. The RMS current ripple rating should
also be greater than
Usually it is necessary to have several capacitors of
the same type in parallel to satisfy the ESR
requirement. The voltage ripple caused by the
capacitor charge/discharge should be an order of
magnitude smaller than the voltage ripple caused by
the ESR. To guarantee this, the capacitance should
satisfy

5
I


&
HVU
V
R
S
!
In many applications, several low ESR ceramic
capacitors are added in parallel with the aluminum
capacitors in order to further reduce ESR and improve
high frequency decoupling. Because the values of
capacitance and ESR are usually different in ceramic
and aluminum capacitors, the following remarks are
made to clarify some practical issues.

'
,
I
/
Y
R
V
HVO
(6/
G
'

,
5
Y
R
HVU
(65
G
'
and the ESR ripple-voltage is
Aluminum capacitors (e.g. electrolytic) have high
capacitances and low ESLs. The ESR has the dominant
effect on the output ripple voltage. It is therefore
very important to minimize the ESR. Other types to
choose are solid OS-CON, POSCAP, and tantalum.
When determining the ESR value, both the steady
state ripple-voltage and the dynamic load transient
need to be considered. To meet the steady state
output ripple-voltage spec, the ESR should satisfy
H
5
2
VU
2
9
,
G
'
¢
To limit the dynamic output voltage overshoot/
undershoot within a (say 3%) of the steady state
output voltage from no load to full load, the ESR
value should satisfy
Then, the required ESR value of the output capacitors
should be
R
esr = min{Resr1,Resr2 }.



,R
G
Remark 1: High frequency ceramic capacitors
may not carry most of the ripple current. It also
depends on the capacitor value. Only when the
capacitor value is set properly, the effect of ceramic
capacitor low ESR starts to be significant. For
example, if a 10 P F, 4m : ceramic capacitor is
connected in parallel with 2x1500 P F, 90m :
electrolytic capacitors, the ripple current in the
ceramic capacitor is only about 42% of the current in
the electrolytic capacitors at the ripple frequency. If
a 100 P F, 2m : ceramic capacitor is used, the ripple
current in the ceramic capacitor will be about 4.2
times of that in the electrolytic capacitors. When
two 100 P F, 2m : ceramic capacitors are used, the
current ratio increases to 8.3. In this case most of
the ripple current flows in the ceramic decoupling
capacitor. The ESR of the ceramic capacitors will then
determine the output ripple-voltage.
Remark 2: The total equivalent capacitance of the
filter bank is not simply the sum of all the paralleled
capacitors. The total equivalent ESR is not simply the
parallel combination of all the individual ESR’s either.
Instead they should be calculated using the following
formula.
H

5
2
VU
2
9
,
¢
&
&
&
&
&
5
&
5
&
&
&
&
5
5

&
E

D

E

D


E


E

D


D


E

D


E


D



E

D

HT


Z



Z

Z
Z
HT
&
&
&
&
&
&
5
&
5
&
&
&
&
5
5

&
E

D

E

D


E


E

D


D


E

D


E


D



E

D

HT


Z



Z

Z
Z
HT
&
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com