Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation SC2544 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
ã 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Req and Ceq are both functions of frequency. For
rigorous design, the equivalent ESR should be
evaluated at the ripple frequency for voltage ripple
calculation when both ceramic and electrolytic
capacitors are used. If R
1a = R1b = R1 and C1a = C1b = C1,
then R
eq and Ceq will be frequency-independent and
R
eq = 1/2 R1 and Ceq = 2C1.
where R
1a and C1a are the ESR and capacitance of
electrolytic capacitors, and R
1b and C1b are the ESR
and capacitance of the ceramic capacitors, respectively
(Figure 5).
Figure 5. Equivalent RC branch.
In Figure 6 the DC input voltage source has an internal
impedance R
in and the input capacitor Cin has an ESR
of R
esr.
MOSFET and input capacitor current
waveforms, ESR voltage ripple and input voltage ripple
are shown in Figure 7.
Input Capacitor (Cin)
The input supply to the converter usually comes from
a pre-regulator. Since the input supply is not ideal,
input capacitors are needed to filter the current pulses
at the switching frequency. A simple buck converter
is shown in Figure 6.
&D
&E
&HT
5D
5E
5HT
Figure 6. A simple model for the converter input.
Figure 7. Typical waveforms at converter input.
It can be seen that the current in the input capacitor
pulses with high di/dt. Capacitors with low ESL should
be used. It is also important to place the input capacitor
close to the MOSFETs on the PC board to reduce trace
inductances around the pulse current loop.
The RMS value of the capacitor current is
approximately
@
'

'
'



>
'
,
,



R
&LQ

K

K

G

The power dissipated in the input capacitors is then
P
Cin = ICin
2
R
esr.
For reliable operation, the maximum power dissipation
in the capacitors should not result in more than 10oC
of temperature rise. Many manufacturers specify the
maximum allowable ripple current (ARMS) rating of
the capacitor at a given ripple frequency and ambient
temperature. The input capacitance should be high
enough to handle the ripple current. It is common
pratice that multiple capacitors are placed in parallel
to increase the ripple current handling capability.


&R
/
'


&LQ
9'&
5R
4
5HVU
5LQ
L 4
L &LQ
9HVU
9&LQ
L 4
L &LQ
9HVU
9&LQ

E

D


E


D



E

D


D

D


E

E


E


D


E

D

E

D

HT
&
&
&
&
5
5
&
5
&
5
&
&
5
5
5
5

5


Z



Z

Z
Z
HT
&

E

D


E


D



E

D


D

D


E

E


E


D


E

D

E

D

HT
&
&
&
&
5
5
&
5
&
5
&
&
5
5
5
5

5


Z



Z

Z
Z
HT
&
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com