Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation SC2544 Datasheet HTML 16Page - Semtech Corporation SC2544 Datasheet HTML 17Page - Semtech Corporation SC2544 Datasheet HTML 18Page - Semtech Corporation SC2544 Datasheet HTML 19Page - Semtech Corporation SC2544 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
The compensator in Figure 10 includes an error am-
plifier and impedance networks Zf and Zs. It is imple-
mented by the circuit in Figure 12. The compensator
provides an integrator, double poles, and double ze-
ros.
As shown in Figure 11, the integrator is used to
boost the gain at low frequency. Two zeros are intro-
duced to compensate excessive phase lag at the
loop gain crossover due to the integrator (-90deg)
and the complex pole pair (-180deg). Two high fre-
quency poles are designed to compensate the ESR
zero and to attenuate high frequency noise.
Fig. 11. Bode plots for control loop design.
where 0.75V is the internal reference voltage of the
SC2544.
The other components of the compensator can be
calculated using following design procedure:
(1). Plot the converter gain, including LC filter and
PWM modulator.
Rtop
V
Vo
V
Rbot
∗
−
=
75
.
0
75
.
0
Fig. 12. Compensation network.
A resistive divider is used to program the output volt-
age. The top resistor Rtop of the divider in Fig. 12
can be chosen from 20k Ω to 30k Ω . Then the bot-
tom resistor Rbot is found from:
Fo
Fz
Fz1
Fz2
Fp 1
F p 2
Fc
FR E Q U E N C Y (H z)
C O M PEN SA T O R GA IN
CO
NV
E R
T E
R G
A IN
L OOP
GA
IN
Fo
Fz
Fz1
Fz2
Fp 1
F p 2
Fc
FR E Q U E N C Y (H z)
C O M PEN SA T O R GA IN
CO
NV
E R
T E
R G
A IN
L OOP
GA
IN
Rbot
Vc
R3
C1
E/A
R2
C2
Rtop
C3
0.75V
Vo
+
-
Out
(2). Select the open loop crossover frequency Fc lo-
cated at 10% to 20% of the switching frequency. At
Fc, find the required DC gain.
(3). Use the first compensator pole Fp1 to cancel the
ESR zero Fz.
(4). Have the second compensator pole Fp2 at half
the switching frequency to attenuate the switching
ripple and high frequency noise.
(5). Place the first compensator zero Fz1 at or below
50% of the power stage resonant frequency Fo.
(6). Place the second compensator zero Fz2 at or
below the power stage resonant frequency Fo.
A MathCAD program is available upon request for the
calculation of the compensation parameters.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com