Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation SC2544 Datasheet HTML 16Page - Semtech Corporation SC2544 Datasheet HTML 17Page - Semtech Corporation SC2544 Datasheet HTML 18Page - Semtech Corporation SC2544 Datasheet HTML 19Page - Semtech Corporation SC2544 Datasheet HTML 20Page - Semtech Corporation SC2544 Datasheet HTML 21Page - Semtech Corporation SC2544 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Typical Application Circuit
SC2544MLTRT
C13
0.1uF/25V
C17 1uF/16V
VO2
C28 3.3nF
R13 499
N.P.
C16
C23
N.P.
C25
FB1
C2
1uF/16V
1uF/16V
C18
10uF/25V
C14
C10 220nF
18k
R5
R25
N.P.
C33
n.p.
C26
4.9K
R17
C29
2.2nF
18k
R4
C32
N.P.
FB2
4.7k
R7
EN
N.P.
C24
73K
R3
N.P.
C5
28K
R14
R24
0R
28K
R12
Q2
C8
0.1uF/25V
VO1
VIN+
VCC
VO2
Q1
PWGRD
VIN+
R15 499
C3
1n
SS2
C1
1uF/25V
10uF/25V
C15
FB1
7.6uH
L1
R10
2.2
10uF/25V
C6
R9
0
1n
C4
C9
4.7n
4.7K
R6
N.P.
C20
N.P.
C21
4.7n
C12
C34
N.P.
Q4
C35
N.P.
C19
3.9nF
R25
N.P.
C27
10uF/25V
C7
7.6uH
L2
VCC
R8
0
VIN+
R11
2.2
C30
N.P.
10K
R2
Q3
C22
FB2
470nF C11
SS1
R18 4.9K
SC2544
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN
VCC
EN
FB1
ERROUT1
SS1
ILIM1
BST1
DRVH1
PHASE1
DRVL1
PGND
PVCC
DRVL2
PHASE2
DRVH2
BST2
ILIM2
SS2
ERROUT2
FB2
PWRGD
ROSC
AGND
C31
Vin: 4.5V ~ 28V
Vout: 3.3V/6A and 5V/6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com