Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation SC2447 Datasheet HTML 10Page - Semtech Corporation SC2447 Datasheet HTML 11Page - Semtech Corporation SC2447 Datasheet HTML 12Page - Semtech Corporation SC2447 Datasheet HTML 13Page - Semtech Corporation SC2447 Datasheet HTML 14Page - Semtech Corporation SC2447 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
OSCILLATOR
FREQUENCY
DIVIDER
SLOPE COMP.
REFERENCE
PRE-BIAS
SOFT-START
&
OVERLOAD
HICCUP
CONTROL 1
PRE-BIAS
SOFT-START
&
OVERLOAD
HICCUP
CONTROL 2
Σ
-
+
PWM2
-
+
-
+
PWM1
-
+
EA1
-
+
ISEN2
-
+
EA2
-
+
ISEN1
-
+
ILIM1+
6
3
5
4
8
1
2
9
16
Σ
11
12
10
14
13
24
28
7
20
21
15
25
CLK2
CLK1
CLK
SYNC
ROSC
IN1
CS1+
CS1-
REF
AVCC
GDH1
GDL1
SS1/EN1
COMP1
AGND
GDH2
GDL2
SS2/EN2
IN2
CS2+
CS2-
COMP2
REFOUT
REFIN
SLOPE1
+
+
UV
SLOPE2
50mV
OL1
DSBL1
1.25V
0.5V
SLOPE2
+
+
50mV
UV
MUX
CLK2
SEL
0.5V
OL2
DSBL2
A
Y
B
R
Q
S
R
Q
S
2.5V
-
+
ILIM2+
ANALOG
SWITCH
1.25V
+
1.25V
REFSS2
REFSS2
+
REFSS1
SSL1
SS1/EN1
CLK1
TGON1
OC1
CLK2
SS2/EN2
TGON2
OC2
SSL2
UVLO
4.3/4.5V
2R
R
R2R
TRI-STATE1
TRI-STATE2
Block Diagram
Figure 3. SC2447 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com