Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 18Page - Semtech Corporation SC2447 Datasheet HTML 19Page - Semtech Corporation SC2447 Datasheet HTML 20Page - Semtech Corporation SC2447 Datasheet HTML 21Page - Semtech Corporation SC2447 Datasheet HTML 22Page - Semtech Corporation SC2447 Datasheet HTML 23Page - Semtech Corporation SC2447 Datasheet HTML 24Page - Semtech Corporation SC2447 Datasheet HTML 25Page - Semtech Corporation SC2447 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
PC Board Layout Issues
Circuit board layout is very important for the proper
operation of high frequency switching power converters.
A power ground plane is required to reduce ground
bounces. The followings are suggested for proper layout.
Power Stage
1) Separate the power ground from the signal ground. In
the SC2447, the power ground PGND should be tied to
the source terminal of lower MOSFETs. The signal ground
AGND should be tied to the negative terminal of the
output capacitor.
2) Minimize the size of high pulse current loop. Place
the top MOSFET, bottom MOSFET and the input
capacitors close to each other with short and wide traces.
In addition to the aluminum energy storage capacitors,
add multi-layer ceramic (MLC) capacitors from the input
to the power ground to improve high frequency bypass.
Control Section
1) The frequency-setting resistor R
OSC should be placed
close to Pin 3. Trace length from this resistor to the
analog ground should be minimized.
2) Solder the bias decoupling capacitor right across the
AVCC and analog ground AGND.
3) Place the current sensing network away from the
power circuit and close to the corresponding CS+ and
CS- pins. Use X7R ceramic capacitor for the sensing
capacitor because of its temperature stability.
4) Use an isolated local ground plane for the controller
and tie it to the negative side of output capacitor bank.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com